Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MFLT Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-MFLT
Description  8-/12-FOLD FAIL-SAFE LOGIC N-FET DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MFLT Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-MFLT Datasheet HTML 1Page - IC-Haus GmbH IC-MFLT Datasheet HTML 2Page - IC-Haus GmbH IC-MFLT Datasheet HTML 3Page - IC-Haus GmbH IC-MFLT Datasheet HTML 4Page - IC-Haus GmbH IC-MFLT Datasheet HTML 5Page - IC-Haus GmbH IC-MFLT Datasheet HTML 6Page - IC-Haus GmbH IC-MFLT Datasheet HTML 7Page - IC-Haus GmbH IC-MFLT Datasheet HTML 8Page - IC-Haus GmbH IC-MFLT Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
iC-MFL / iC-MFLT
8-/12-FOLD FAIL-SAFE LOGIC N-FET DRIVER
Rev C1, Page 5/13
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC
Supply Voltage
-0.3
6
V
G002 V()
Voltage at OUT1...8/12
-0.3
6
V
G003 Vp()
Peak Voltage at OUT1...8/12
t < 100 ms, duty cycle < 2 %
-0.3
18
V
G004 V()
Voltage at IN1...8/12, EN
-0.3
6
V
G005 V(GNDR)
Voltage at GNDR referenced to GND
-0.3
0.3
V
G006 V(GND)
Voltage at GND referenced to GNDR
-0.3
0.3
V
G007 Imx()
Current in OUT1...8/12, IN1...8/12, EN
-10
10
mA
G008 Imx()
Current in OUT1...8/12
t < 100 ms, duty cycle < 2 %
-10
120
mA
G009 Imx()
Current in VCC, GND
-50
50
mA
G010 Imx()
Current in GND, GNDR
t < 100 ms, duty cycle < 2 %
-100
10
mA
G011 Vd()
ESD susceptibility
HBM 100 pF discharged through 1.5 kΩ
2
kV
G012 Tj
Operating Junction Temperature
-40
150
°C
G013 Ts
Storage Temperature Range
-55
125
°C
THERMAL DATA
Operating Conditions: VCC = 5 V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
125
°C
T02
Rthja
Thermal Resistance Chip/Ambient
SMD assembly, no additional cooling areas.
75
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.


Similar Part No. - IC-MFLT

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
   8-FOLD FAIL-SAFE N-FET DRIVER
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
IC-MFPQFN24 ICHAUS-IC-MFPQFN24 Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
More results

Similar Description - IC-MFLT

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
   8-FOLD FAIL-SAFE N-FET DRIVER
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
logo
Roithner LaserTechnik G...
NZQFN28 ROITHNER-NZQFN28 Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZ ICHAUS-IC-NZ Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
logo
Melexis Microelectronic...
MLX10410 MELEXIS-MLX10410 Datasheet
92Kb / 7P
   8 Fold High Side Driver
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
logo
ATMEL Corporation
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
   Specia Fail-safe IC
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
   Demonstrates Fail-Safe Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com