Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA70001 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA70001
Description  Record/Playback Amplifiers for VHS Format VCRs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70001 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA70001 Datasheet HTML 1Page - Sanyo Semicon Device LA70001 Datasheet HTML 2Page - Sanyo Semicon Device LA70001 Datasheet HTML 3Page - Sanyo Semicon Device LA70001 Datasheet HTML 4Page - Sanyo Semicon Device LA70001 Datasheet HTML 5Page - Sanyo Semicon Device LA70001 Datasheet HTML 6Page - Sanyo Semicon Device LA70001 Datasheet HTML 7Page - Sanyo Semicon Device LA70001 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
No. 5709-5/8
LA70001, 70001M
Continued from preceding page.
Pin No.
Pin name
Standard DC voltage (V)
Equivalent circuit
Notes
15
16
19
17
18
21
22
23
24
REC-AGC-FILT
L IN
H IN
REC_SP_OUT
PB FILT
N.C
PB
PB
PB
PB
REC
REC
REC
REC
0
2.1
2.1 V
0
1.6
4.1
4.1 V
2.5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn