Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MD Datasheet(PDF) 20 Page - IC-Haus GmbH

Part # IC-MD
Description  ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MD Datasheet(HTML) 20 Page - IC-Haus GmbH

Back Button IC-MD Datasheet HTML 15Page - IC-Haus GmbH IC-MD Datasheet HTML 16Page - IC-Haus GmbH IC-MD Datasheet HTML 17Page - IC-Haus GmbH IC-MD Datasheet HTML 18Page - IC-Haus GmbH IC-MD Datasheet HTML 19Page - IC-Haus GmbH IC-MD Datasheet HTML 20Page - IC-Haus GmbH IC-MD Datasheet HTML 21Page - IC-Haus GmbH IC-MD Datasheet HTML 22Page - IC-Haus GmbH IC-MD Datasheet HTML 23Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
preliminary
preliminary
iC-MD RS-422 QUADRATURE
ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
Rev A1, Page 20/23
BiSS and SSI INTERFACE
The BiSS interface is a bidirectional serial interface,
which is used to read out the sensor data values and
to write and read the internal configuration registers.
For a detailed description of the protocol, see the BiSS
C specification.
It consist of 3 configurable channels:
channel
eata
error
warning
data length CRC polynom CRC mode
CH0
AB counter
NERR
NWARN
16 + 2 bit
1000011
inverted
24 + 2 bit
32 + 2 bit
48 + 2 bit
SPI Channel
NERR
NSPICHVAL
16 + 2 bit
1000011
inverted
24 + 2 bit
32 + 2 bit
48 + 2 bit
CH1
UPD
NABERR
NUPDVAL
24 + 2 bit
100101
inverted
TP1
NABERR
NTPVAL
24 + 2 bit
100101
inverted
CH2
TP1
NABERR
NTPVAL
24 + 2 bit
100101
inverted
TP2
NABERR
NTPVAL
24 + 2 bit
100101
inverted
Notes
channel 0 data length configurable via:
CNTCFG (Adr.0x00, bit 3:0)
Table 44: BiSS Channels
The error (NERR) and warning (NWARN) bit of the
channel 0 signal the same data to be output at the pins
NERR and NWARN, it’s by default:
NERR: ABERR (AB signal error)
NWARN: UPDVAL (UPD Reg. up to date)
This bits can also be configured like the NERR and
NWARN outputs, with the registers MASK (table 40)
and NMASK(table 41)
Two different data can be selected for each chan-
nel, register CHxSEL (table 45) selects the data to be
transmitted by the channels.
CHxSEL
Addr. 0x04; bit (7,5,3)
000
Code
Function
XX0
channel 0: AB counter data
XX1
channel 0: SPI data channel
X0X
channel 1: UPD data
X1X
channel 1: TP1 data
0XX
channel 2: TP1 data
1XX
channel 2: TP2 data
Table 45: BiSS Channel Selection
The three channel are enabled by default, but all of
them can be disable with the registers NENCH0 (table
46) and ENCHx (table 47)
NENCH0
Addr. 0x04; bit (2)
0
Code
Function
0
BiSS channel 0 enabled
1
BiSS channel 0 disabled
Table 46: Not Enable BiSS Channel 0
ENCHx
Addr. 0x04; bit (6,4)
00
Code
Function
X0
BiSS channel 1 disabled
0X
BiSS channel 2 disabled
Table 47: Enable BiSS Channel 1 and 2
SSI Protocol
An SSI protocol is selected if the input pin SLI is open.
This enable signal has an internal digital filter of 5 µs.
A clock pulse train from a controller is used to gate out
sensor data. Between each clock pulse train there is a
SSI timeout during which fresh data is moved into the
register. Data is shifted out when the iC-MD receives
a pulse train from the controller. When the least sig-


Similar Part No. - IC-MD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
More results

Similar Description - IC-MD

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_10 Datasheet
100Kb / 11P
   Receiver with SPI Interface
logo
IC-Haus GmbH
IC-MCW ICHAUS-IC-MCW Datasheet
1Mb / 22P
   BiSS WATCHDOG FOR RS422 WITH SPI
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
   SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
   18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
   16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
logo
IC-Haus GmbH
IC-PMX ICHAUS-IC-PMX Datasheet
973Kb / 27P
   ENERGY HARVESTING MULTITURN COUNTER/ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com