Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MD Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-MD
Description  ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MD Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-MD Datasheet HTML 12Page - IC-Haus GmbH IC-MD Datasheet HTML 13Page - IC-Haus GmbH IC-MD Datasheet HTML 14Page - IC-Haus GmbH IC-MD Datasheet HTML 15Page - IC-Haus GmbH IC-MD Datasheet HTML 16Page - IC-Haus GmbH IC-MD Datasheet HTML 17Page - IC-Haus GmbH IC-MD Datasheet HTML 18Page - IC-Haus GmbH IC-MD Datasheet HTML 19Page - IC-Haus GmbH IC-MD Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
preliminary
preliminary
iC-MD RS-422 QUADRATURE
ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
Rev A1, Page 16/23
ABERRx
Addr. 0x48, 0x49, 0x4A;
bit 7
Code
Description
0
No decodification error in counter x
1
Decodification error in counter x
Notes
x = 0, 1, 2
Reset by reading Adr. 0x48 (ABERR0), 0x49
(ABERR1) and 0x4A (ABERR2)
The corresponding counter must be reset (ABRES)
after an error
Table 27: AB Decodification Error
The maximum counting range of the counters depends
on the counter configuration (see table 16). A counter
with the bit length "n" has the maximum counting range
will be from -2n-1 up to 2n-1-1. The corresponding bit
OVFx is set to 1 if the counter exceeds these values.
OVFx
Addr. 0x48, 0x49, 0x4A;
bit 6
Code
Description
0
no overflow in counter x
1
overflow in counter x
Notes
x = 0, 1, 2
reset by reading Adr. 0x48 (OVF0), 0x49 (OVF1)
and 0x4A (OVF2)
Table 28: Counter Overflow Warning
ZEROx bits indicate that the counter value has
reached the zero value.
ZEROx
Addr. 0x48, 0x49, 0x4A;
bit 5
Code
Description
0
no zero of counter x
1
zero of counter x
Notes
x = 0, 1, 2
reset by reading Adr. 0x48 (ZERO0), 0x49
(ZERO1) and 0x4A (ZERO2)
Table 29: Zero Value in Counter x
If VDD reaches the power off supply level (VDDoff,
Spec. Item No. 602), the iC-MD is reset and the RAM
initialized to the default value. Status bit PDWN indi-
cates that this initialization has taken place.
PDWN
Addr. 0x48, 0x49, 0x4A;
bit 4
Code
Description
0
No undervoltage
1
Undervoltage
Notes
Reset by reading Adr. 0x48, 0x49 or 0x4A
Table 30: Undervoltage Reset
RVAL status bit indicates that the reference value was
load in the REF register, after the "Zero Codification"
process. After power-on, this bit remains at 0 until the
second different Index pulse.
RVAL
Addr. 0x48; bit 3
Code
Description
0
REF Reg. not valid
1
REF Reg. valid
Notes
Reset by the instruction ZCEN(see table 23)
Table 31: REF Register Valid
Every time that the UPD register is loaded, the status
bit UPDVAL (UPD valid) is set to 1 until the status bit
UPD or the register UPD is read via SPI or BiSS.
UPDVAL
Addr. 0x48; bit 2
Code
Description
0
UPD Reg. not valid
1
UPD Reg. valid
Notes
Reset by reading Adr. 0x48 or the register UPD via
SPI (Adr. 0x0A) or BiSS (Channel 1)
Table 32: UPD Register Valid
If the number of AB edges between two index signals
is greater than 223-1=8388607 or lower than -223=-
8388608 the status bit OVFREF is set to 1 and indi-
cates that the value of the UPD and REF registers are
not valid.
OVFREF
Addr. 0x48; bit 1
Code
Description
0
No Overflow in reference counter
1
Overflow in reference counter
Notes
Reset by reading Adr. 0x48
Table 33: Reference Counter Overflow
After loading TP1/TP2 register, either via pin TPI or in-
struction TP (see table 24), the bit TPVAL is set to 1
and remains at 1 until the reading of TPVAL, TP1 or
TP2 via SPI or BiSS.
TPVAL
Addr. 0x48; bit 0
Code
Description
0
TPx registers not loaded
1
New value loaded in TPx
Notes
Reset by reading Adr. 0x48, register TP1 or register
TP2 via SPI (Adr. 0x0C and 0x0E) or BiSS
(channel 1 and channel 2, see table 45)
Table 34: Touch-Probe Valid


Similar Part No. - IC-MD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
More results

Similar Description - IC-MD

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_10 Datasheet
100Kb / 11P
   Receiver with SPI Interface
logo
IC-Haus GmbH
IC-MCW ICHAUS-IC-MCW Datasheet
1Mb / 22P
   BiSS WATCHDOG FOR RS422 WITH SPI
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
   SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
   18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
   16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
logo
IC-Haus GmbH
IC-PMX ICHAUS-IC-PMX Datasheet
973Kb / 27P
   ENERGY HARVESTING MULTITURN COUNTER/ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com