Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MD Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-MD
Description  ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MD Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-MD Datasheet HTML 3Page - IC-Haus GmbH IC-MD Datasheet HTML 4Page - IC-Haus GmbH IC-MD Datasheet HTML 5Page - IC-Haus GmbH IC-MD Datasheet HTML 6Page - IC-Haus GmbH IC-MD Datasheet HTML 7Page - IC-Haus GmbH IC-MD Datasheet HTML 8Page - IC-Haus GmbH IC-MD Datasheet HTML 9Page - IC-Haus GmbH IC-MD Datasheet HTML 10Page - IC-Haus GmbH IC-MD Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
preliminary
preliminary
iC-MD RS-422 QUADRATURE
ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
Rev A1, Page 7/23
CONFIGURATION PARAMETERS
Read/Write Registers
Configuration
INVZ(1:0)
invert Z signal
EXCH(2:0)
exchange inputs AB
CNTCFG(2:0) counter configuration
TTL
TTL/differential inputs
CBZ(1:0)
clear counter by zero
CFGZ(1:0)
zero signal configuration
TPCFG(1:0)
TPI configuration
PRIOR
SPI/BiSS communication priority
MASK(9:0)
error/warning mask
NMASK(1:0)
error/warning not mask
LVDS
LVDS/RS-422 differential inputs
CH2SEL
BiSS channel 2 select
ENCH2
BiSS channel 2 enable
CH1SEL
BiSS channel 1 select
ENCH1
BiSS channel 1 enable
CH0SEL
BiSS channel 0 select
NENCH0
BiSS channel 0 not enable
Table 5: Register description
Write-Only Registers
Instructions
ACT1
set value of ACT1 pin
ACT0
set value of ACT0 pin
TP
latch TP1 and TP2
ZCEN
enable zero codification
ABRES2 reset AB counter 2
ABRES1 reset AB counter 1
ABRES0 reset AB counter 0
Table 6: Instruction Byte
Read-Only Registers
Status
AB
counter values
NERR
error bit (low active)
NWARN
warning bit (low active)
TP1
touch-probe 1 register
NTPVAL
touch-probe valid (low active)
NABERR
AB counter error (low active)
TP2
touch-probe 2 register
REF
reference register
UPD
update register
NUPDVAL update register valid (low active)
Table 7: Counter Registers
Error
ABERRx AB signals error in counter x
EXTERR external error
Table 8: Error Registers
Warning
OVFx
overflow in counter x
ZEROx
signals zero value in counter x
PDWN
power-down reset
RVAL
REF value valid
UPDVAL
update register up to date
OVFREF
overflow in REF counter
TPVAL
new touch-probe value available
EXTWARN external warning
COMCOL
communication collision
TPS
actual TPI pin status
ENSSI
SSI enabled
Table 9: Warning Registers


Similar Part No. - IC-MD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
More results

Similar Description - IC-MD

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_10 Datasheet
100Kb / 11P
   Receiver with SPI Interface
logo
IC-Haus GmbH
IC-MCW ICHAUS-IC-MCW Datasheet
1Mb / 22P
   BiSS WATCHDOG FOR RS422 WITH SPI
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
   SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
   18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
   16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
logo
IC-Haus GmbH
IC-PMX ICHAUS-IC-PMX Datasheet
973Kb / 27P
   ENERGY HARVESTING MULTITURN COUNTER/ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com