Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1410S105HN/C1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ADC1410S105HN/C1
Description  Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1410S105HN/C1 Datasheet(HTML) 4 Page - NXP Semiconductors

  ADC1410S105HN/C1 Datasheet HTML 1Page - NXP Semiconductors ADC1410S105HN/C1 Datasheet HTML 2Page - NXP Semiconductors ADC1410S105HN/C1 Datasheet HTML 3Page - NXP Semiconductors ADC1410S105HN/C1 Datasheet HTML 4Page - NXP Semiconductors ADC1410S105HN/C1 Datasheet HTML 5Page - NXP Semiconductors ADC1410S105HN/C1 Datasheet HTML 6Page - NXP Semiconductors ADC1410S105HN/C1 Datasheet HTML 7Page - NXP Semiconductors ADC1410S105HN/C1 Datasheet HTML 8Page - NXP Semiconductors ADC1410S105HN/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADC1410S065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
4 of 35
NXP Semiconductors
ADC1410S065/080/105/125
Single 14-bit ADC 65, 80, 105 or 125 Msps
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 5.
Pin configuration with CMOS digital outputs
selected
Fig 6.
Pin configuration with LVDS/DDR digital
outputs selected
ADC1410S
HVQFN40
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
VDDA
INP
INM
AGND
VDDA
VCM
AGND
REFT
REFB
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
AGND
terminal 1
index area
Transparent top view
005aaa037
ADC1410S
HVQFN40
D8_D9_M
D8_D9_P
D6_D7_M
D6_D7_P
D4_D5_M
D4_D5_P
D2_D3_M
D2_D3_P
D0_D1_M
D0_D1_P
VDDA
INP
INM
AGND
VDDA
VCM
AGND
REFT
REFB
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
AGND
terminal 1
index area
Transparent top view
005aaa038
Table 2.
Pin description (CMOS digital outputs)
Symbol
Pin
Type [2]
Description
REFB
1
O
bottom reference
REFT
2
O
top reference
AGND
3
G
analog ground
VCM
4
O
common-mode output voltage
VDDA
5
P
analog power supply
AGND
6
G
analog ground
INM
7
I
complementary analog input
INP
8
I
analog input
AGND
9
G
analog ground
VDDA
10
P
analog power supply
VDDA
11
P
analog power supply
CLKP
12
I
clock input
CLKM
13
I
complementary clock input
DEC
14
O
regulator decoupling node
OE
15
I
output enable, active LOW
PWD
16
I
power down, active HIGH


Similar Part No. - ADC1410S105HN/C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1410S105HN/C1 NXP-ADC1410S105HN/C1 Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results

Similar Description - ADC1410S105HN/C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com