Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1410S065 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # ADC1410S065
Description  Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1410S065 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button ADC1410S065 Datasheet HTML 18Page - NXP Semiconductors ADC1410S065 Datasheet HTML 19Page - NXP Semiconductors ADC1410S065 Datasheet HTML 20Page - NXP Semiconductors ADC1410S065 Datasheet HTML 21Page - NXP Semiconductors ADC1410S065 Datasheet HTML 22Page - NXP Semiconductors ADC1410S065 Datasheet HTML 23Page - NXP Semiconductors ADC1410S065 Datasheet HTML 24Page - NXP Semiconductors ADC1410S065 Datasheet HTML 25Page - NXP Semiconductors ADC1410S065 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ADC1410S065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
22 of 35
NXP Semiconductors
ADC1410S065/080/105/125
Single 14-bit ADC 65, 80, 105 or 125 Msps
11.5.5 Digital offset
By default, the ADC1410S delivers output code that corresponds to the analog input.
However it is possible to add a digital offset to the output code via the SPI (bits
DIG_OFFSET; see Table 23).
11.5.6 Test patterns
For test purposes, the ADC1410S can be configured to transmit one of a number of
predefined test patterns (via bits TESTPAT_SEL; see Table 24). A custom test pattern can
be defined by the user (TESTPAT_USER; see Table 25 and Table 26) and is selected
when TESTPAT_SEL = 101. The selected test pattern will be transmitted regardless of the
analog input.
11.5.7 Output codes versus input voltage
Table 14.
Output codes
VINP − VINM
Offset binary
Two’s complement
OTR pin
<
−1
00 0000 0000 0000
10 0000 0000 0000
1
−1
00 0000 0000 0000
10 0000 0000 0000
0
−0.9998779
00 0000 0000 0001
10 0000 0000 0001
0
−0.9997559
00 0000 0000 0010
10 0000 0000 0010
0
−0.9996338
00 0000 0000 0011
10 0000 0000 0011
0
−0.9995117
00 0000 0000 0100
10 0000 0000 0100
0
....
....
....
0
−0.0002441
01 1111 1111 1110
11 1111 1111 1110
0
−0.0001221
01 1111 1111 1111
11 1111 1111 1111
0
0
10 0000 0000 0000
00 0000 0000 0000
0
+0.0001221
10 0000 0000 0001
00 0000 0000 0001
0
+0.0002441
10 0000 0000 0010
00 0000 0000 0010
0
....
....
....
0
+0.9995117
11 1111 1111 1011
01 1111 1111 1011
0
+0.9996338
11 1111 1111 1100
01 1111 1111 1100
0
+0.9997559
11 1111 1111 1101
01 1111 1111 1101
0
+0.9998779
11 1111 1111 1110
01 1111 1111 1110
0
+1
11 1111 1111 1111
01 1111 1111 1111
0
> +1
11 1111 1111 1111
01 1111 1111 1111
1


Similar Part No. - ADC1410S065

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1410S065HN-C1 IDT-ADC1410S065HN-C1 Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S065HN/C1 NXP-ADC1410S065HN/C1 Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results

Similar Description - ADC1410S065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com