Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MB3EVALMB3D-S Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MB3EVALMB3D-S
Description  BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB3EVALMB3D-S Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MB3EVALMB3D-S Datasheet HTML 1Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 2Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 3Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 4Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 5Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 6Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 7Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 8Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
iC-MB3
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Rev D1, Page 3/26
PACKAGES TSSOP24 to JEDEC Standard
PIN CONFIGURATION
PIN FUNCTIONS
TSSOP24 4.4 mm, lead pitch 0.65 mm
No. Name
Function
(top view)
1
NCS
Chip Select Input, low active
2
ALE-SCLK
Address Latch Enable Input
3
DB0
Data Bus
4
DB1
Data Bus
5
DB2
Data Bus
6
DB3
Data Bus
7
DB4
Data Bus
8
DB5
Data Bus
9
DB6
Data Bus
10
DB7
Data Bus
11
GND
Ground
12
VDD
+3.3 ... +5V Supply Voltage
13
EOT
End-Of-Transmission Output
14
GETSENS
Sensor Data Request Input
15
NER
Error Message Input/Output, low active
16
MA1
BiSS Clock/Data Line Output
17
SL1
BiSS Data Line Input
18
INT_NMOT
Mode Select (Intel = 1, Motorola = 0)*
19
CFGSPI
Serial/Parallel Mode Select Input
(serial SPI = 1, parallel = 0)
20
NRES
Reset Input, low active
21
CLK
External Clock Input
22
CLKOUT**
Clock Output
23
NWR_E
Write Input, low active (Intel)
Enable Input, high active (Motorola)
24
NRD_RNW
Read Input, low active (Intel)
Read/Not-Write Select Input (Motorola)
Serial SPI Communication Mode (CFGSPI = 1):
1
NCS
Chip Select Input, low active
2
SCLK
SPI Clock Input
3
SI
SPI Serial Data Input
4
SO
SPI Serial Data Output
* only when CLKENI = 1 else no signal
** on SPI no effect


Similar Part No. - IC-MB3EVALMB3D-S

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MB4 ICHAUS-IC-MB4 Datasheet
1Mb / 40P
   BiSS INTERFACE MASTER
IC-MB4ICSYMB4U ICHAUS-IC-MB4ICSYMB4U Datasheet
1Mb / 5P
   BiSS, SSI, PC-USB 2.0 ADAPTER
IC-MB4 ICHAUS-IC-MB4_15 Datasheet
1Mb / 40P
   BiSS INTERFACE MASTER
More results

Similar Description - IC-MB3EVALMB3D-S

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MB4 ICHAUS-IC-MB4_15 Datasheet
1Mb / 40P
   BiSS INTERFACE MASTER
logo
PHOENIX CONTACT
2867953 PHOENIX-2867953 Datasheet
101Kb / 4P
   Up to 254 slaves can be connected to one master
logo
Pepperl+Fuchs Inc.
VBM-CTR-K20-R2 PF-VBM-CTR-K20-R2 Datasheet
275Kb / 2P
   AS-Interface master
VBM-CLX-DM PF-VBM-CLX-DM Datasheet
362Kb / 3P
   AS-Interface master
VBM-CTR-PCI-DM PF-VBM-CTR-PCI-DM Datasheet
238Kb / 2P
   AS-Interface master
2019-08-23
BW2087 PF-BW2087 Datasheet
257Kb / 2P
   AS-Interface master
logo
WAGO Kontakttechnik Gmb...
750-655 WAGO-750-655 Datasheet
510Kb / 14P
   AS Interface Master
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
   I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com