Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6564H Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA6564H
Description  4CH Bridge (BTL) Driver for CD-R
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6564H Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6564H Datasheet HTML 1Page - Sanyo Semicon Device LA6564H Datasheet HTML 2Page - Sanyo Semicon Device LA6564H Datasheet HTML 3Page - Sanyo Semicon Device LA6564H Datasheet HTML 4Page - Sanyo Semicon Device LA6564H Datasheet HTML 5Page - Sanyo Semicon Device LA6564H Datasheet HTML 6Page - Sanyo Semicon Device LA6564H Datasheet HTML 7Page - Sanyo Semicon Device LA6564H Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image



/)!   67"!"!
2

<
<
<(
<
1%3-01
-01
-01
-01(
<
2.
>
2==
4/"!"!+& , &$ ! **#
4167!  !%'!!$ (  ! )#675!!5:&$
!%'"!"!**);!" (**! " !  " (!"!"!2#

1)!   +!$ 4;67











<) 57
57! # 57 !!"!"!+%/1#*-&;!"!"!  $ 57  
/ #

)=  !' ,04 =4)
= +>" !% ! $ .
?/!<./1;./@$% ,0  " # & (  +!  $//A ! " 
! =4 ! "!  & !  !#
? "!"!"!(  !& &! !!   $ ! ("+$# !!( $ !! = ;
! "!"!"!(    (!!&!"! !  (!  !&!"! ! 
+!$ !-! ! #













 



Ω
 
  
Ω


Ω

 
Ω
 



Similar Part No. - LA6564H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
   Five-Channel Driver
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
   4CH Bridge (BTL) Driver for CD
LA6565 SANYO-LA6565 Datasheet
103Kb / 8P
   Five-Channel CD Actuator Driver
LA6565 SANYO-LA6565 Datasheet
122Kb / 8P
   For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
   Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
More results

Similar Description - LA6564H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
   4CH Bridge (BTL) Driver for CD
logo
Rohm
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
   4ch BTL driver for CD player
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
   4ch BTL driver for CD player
BA5917AFP ROHM-BA5917AFP Datasheet
86Kb / 7P
   CD 4ch BTL
logo
Sanyo Semicon Device
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
   Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
LA6565 SANYO-LA6565_09 Datasheet
122Kb / 8P
   For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
logo
KEC(Korea Electronics)
KIA6831HF KEC-KIA6831HF Datasheet
165Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4CH BTL DRIVER FOR CD PLAYERS)
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com