Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MADFN10 Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-MADFN10
Description  ANGULAR HALL SENSOR / ENCODER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MADFN10 Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-MADFN10 Datasheet HTML 1Page - IC-Haus GmbH IC-MADFN10 Datasheet HTML 2Page - IC-Haus GmbH IC-MADFN10 Datasheet HTML 3Page - IC-Haus GmbH IC-MADFN10 Datasheet HTML 4Page - IC-Haus GmbH IC-MADFN10 Datasheet HTML 5Page - IC-Haus GmbH IC-MADFN10 Datasheet HTML 6Page - IC-Haus GmbH IC-MADFN10 Datasheet HTML 7Page - IC-Haus GmbH IC-MADFN10 Datasheet HTML 8Page - IC-Haus GmbH IC-MADFN10 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
iC-MA
ANGULAR HALL SENSOR / ENCODER
Rev B3, Page 5/18
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 5 V ±10 % , Tj = -40 ... 125 °C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
General
001
VDD
Supply voltage
4.5
5
5.5
V
002
I(VDD)
Supply current
open pins, normal operation
14
21
mA
open pins, power reduction mode (PRM)
7
14
mA
003
I(VDD)sb
Standby supply current
NEN = VDD
200
µA
004
td(VDD)on Turn on delay
VDD > 4 V, see figure 6
10
µs
005
td(VDD)off Turn off delay
VDD < 2.6 V
10
µs
Hall sensor array
101
Hext
Requiered external magnetic field
strength
at chip surface
20
50
100
kA/m
102
dsens
Diameter of Hall sensor array
see figure 1
2
mm
103
xdis
Displacement of Hall sensor
array to package
DFN10 package, see figure 1
-0.2
0.2
mm
104
Φ
dis
Angular displacement of chip with
reference to package
DFN10 package
-3
3
DEG
105
hsens
Distance chip surface to top of
package
DFN10 package
400
µm
106
Aabs
Absolute angular position
Using magnet with 4 mm diameter, centered to
chip, Hext = 20...100 kA/m
-3
3
DEG
Signal conditioning
201
Voff
Offset voltage
on output, with external magnetic field ampli-
tude of 20 kA/m
-50
50
mV
202
TC(Voff)
Temperatur coefficient of offset
voltage
-50
50
µV/K
203
Vdc
Output mean value
45
50
55
%VDD
204
Ratio
Amplitude ratio of SIN / COS
0.95
1.00
1.05
205
fhc
Cut off frequency
20
kHz
206
t()settle
Settling time
to 70 % amplitude, Hext = 40 kA/m
80
150
µs
207
V()gain
Gain output voltage
0.05
4.0
V
208
V()ampl
Sine/Cosine amplitude
V()ampl = V()max - Vdc
0.9
1.0
1.1
V
Sine-to-digital converter
301
AArel
Relative angular error
with reference to one periode, see fig. 2
-20
20
%
302
f(OSC)
Oscillator frequency
200
256
300
kHz
303
TC(OSC)
Temperature coefficient of oscilla-
tor frequency
-0.1
%/K
304
hys
Converter hysteresis
1
LSB
Configuration inputs CFG1, CFG2, CFG3
401
Vt()hi
Threshold voltage high
60
78
% VDD
402
Vt()lo
Threshold voltage low
25
40
% VDD
403
V0()
Open circuit voltage
43
57
% VDD
404
Ri()
Input resistance
45
150
750
kΩ
Enable input NEN
501
Vt()hi
Threshold voltage high
2
V
502
Vt()lo
Threshold voltage low
0.8
V
503
Vt()hys
Hysteresis
Vt()hys = Vt()hi - Vt()lo
100
250
mV
504
Ipu()
Pull-up current
V() = 0...VDD - 1 V
-240
-120
-25
µA
Digital outputs: A, B, C, D
601
Vs()hi
Saturation voltage high
Vs()hi = VDD - V(), I() = -4 mA
0.4
V
602
Vs()lo
Saturation voltage low
I() = 4 mA
0.4
V
603
tr()
Rise time
CL() = 50 pF
60
ns
604
tf()
Fall time
CL() = 50 pF
60
ns
605
Ilk()
Leackage current
NEN = high, V() = 0 ... VDD
-5
5
µA


Similar Part No. - IC-MADFN10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
More results

Similar Description - IC-MADFN10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
IC-MHA ICHAUS-IC-MHA_14 Datasheet
353Kb / 10P
   ANALOG ANGULAR HALL SENSOR
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
   HALL Position Sensor / Encoder
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com