Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MA Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MA
Description  ANGULAR HALL SENSOR / ENCODER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MA Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MA Datasheet HTML 7Page - IC-Haus GmbH IC-MA Datasheet HTML 8Page - IC-Haus GmbH IC-MA Datasheet HTML 9Page - IC-Haus GmbH IC-MA Datasheet HTML 10Page - IC-Haus GmbH IC-MA Datasheet HTML 11Page - IC-Haus GmbH IC-MA Datasheet HTML 12Page - IC-Haus GmbH IC-MA Datasheet HTML 13Page - IC-Haus GmbH IC-MA Datasheet HTML 14Page - IC-Haus GmbH IC-MA Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
iC-MA
ANGULAR HALL SENSOR / ENCODER
Rev B3, Page 11/18
Analog modes of operation
Mode
NEN CFG1 CFG2 CFG3
Port A
Port B
Port C
Port D
Res. Comment
Analog
S-Sensor
low
low
low
low
PSIN
VREF
PCOS
GAIN
D-Sensor low
open
low
low
PSIN
NSIN
PCOS
NCOS
PRM
D-Sensor low
high
low
low
PSIN
NSIN
PCOS
NCOS
In the analog modes of operation the amplified Hall
voltages are available at the output ports. The sine/
cosine output signals are controlled to have stable am-
plitudes of 1 V and referenced to a DC value equivalent
to half of the supply voltage (VREF). Due to the inter-
nal signal conditioning unit, no special adjustment is
required. An externally connected interpolator can be
used if further trimming of the output signals is desired.
0
100
200
300
400
500
600
700
0
1
2
3
4
5
Time [µs]
NCOS
GAIN
PCOS
PSIN
NSIN
VREF
Figure 7: Analog mode output signals after switch-
ing on the device
S sensor mode
After the device has been activated via NEN = low the
sensor is set to its operating point. All signals are ref-
erenced to half the supply voltage (VREF). In S sen-
sor mode this potential is available at port B. Ports A
and C output the sine and cosine Hall voltages set to
2 Vss. The angle can be calculated from the relation of
the sine voltage (difference in voltage PSIN to VREF)
to the cosine voltage (difference in voltage PCOS to
VREF). The device supplies an angle which remains
non-ambiguous over a 360° rotation of the permanent
magnet.
Signal GAIN allows conclusions to be drawn as to the
operating point of the sensor. This is influenced by
the amplitude of the magnetic field, the sensor supply
voltage and temperature. The higher the GAIN poten-
tial, the greater the necessary amplification of the Hall
voltages; the external magnetic field is smaller. Be-
sides recording the direction of magnetization of the
permanent magnet the distance between the magnet
and sensor may also be assessed using the GAIN sig-
nal. If the gain is insufficient to boost the Hall voltages
to 2 Vss the amplitude control reaches its upper limit
and the output amplitude becomes smaller.
The GAIN signal can be used to adjust the permanent
magnet. If the central point of both the magnet and
sensor iC-MA are the same the GAIN signal has no
harmonics. A misaligned sensor must readjust the op-
erating point depending on the angle; the GAIN signal
varies in amplitude. To adjust the sensor to the magnet
this must be shifted along its X- and Y-axis so that the
GAIN signal has to readjust as little as possible.
D sensor mode
In D sensor mode differential sine (pin A and pin B) and
cosine (pin C and pin D) signals are supplied at the out-
put; as opposed to S sensor mode inverted Hall signals
are now also available at the ports. The advantage of
this mode of operation is the doubled signal amplitude
of the differential Hall voltages and the lack of depen-
dence on reference voltage VREF. The angle is now
calculated via the ratio of the difference between PSIN
and NSIN and between PCOS and NCOS.
D sensor mode is also available with a reduced power
consumption (PRM or Power Reduced Mode). In this
mode the Hall sensor is supplied with current less fre-
quently, reducing the power consumption. Here it must
be observed that the maximum rotating frequency also
drops by a factor of 2.


Similar Part No. - IC-MA

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
More results

Similar Description - IC-MA

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
IC-MHA ICHAUS-IC-MHA_14 Datasheet
353Kb / 10P
   ANALOG ANGULAR HALL SENSOR
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
   HALL Position Sensor / Encoder
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com