Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MA Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-MA
Description  ANGULAR HALL SENSOR / ENCODER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MA Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-MA Datasheet HTML 2Page - IC-Haus GmbH IC-MA Datasheet HTML 3Page - IC-Haus GmbH IC-MA Datasheet HTML 4Page - IC-Haus GmbH IC-MA Datasheet HTML 5Page - IC-Haus GmbH IC-MA Datasheet HTML 6Page - IC-Haus GmbH IC-MA Datasheet HTML 7Page - IC-Haus GmbH IC-MA Datasheet HTML 8Page - IC-Haus GmbH IC-MA Datasheet HTML 9Page - IC-Haus GmbH IC-MA Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
iC-MA
ANGULAR HALL SENSOR / ENCODER
Rev B3, Page 6/18
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 5 V ±10 % , Tj = -40 ... 125 °C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
606
Vc()hi
Clamp voltage high
Vc()hi = V() - VDD, NEN = high, I() = 4 mA
0.3
1.6
V
607
Vc()lo
Clamp voltage low
NEN = high, I() = -4 mA
-1.5
-0.3
V
Digital inputs: A, B, C, D
701
Vt()hi
Threshold voltage high
2
V
702
Vt()lo
Threshold voltage low
0.8
V
703
Vt()hys
Hysterese
Vt()hys = Vt()hi - Vt()lo
300
mV
704
Ipd()
Pull-down current
V() = 1 V...VDD
5
30
65
µA
Analog outputs: A, B, C, D
801
SR
Slew Rate
2
V/µs
802
fhc()
Cut off frequency
500
kHz
803
I()
Output current
-1
1
mA
804
R()eda
Input resistance DA-converter
between pin B and pin C
6
8
10
kΩ
805
R()ada
Output resistance DA-converter
at pin A
100
kΩ
Figure 1: Location of die in DFN10 package
twhi()/T
AArel
50%
0%
AArel
100%
0%
Figure 2: Definition of relative angular error


Similar Part No. - IC-MA

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
More results

Similar Description - IC-MA

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
IC-MHA ICHAUS-IC-MHA_14 Datasheet
353Kb / 10P
   ANALOG ANGULAR HALL SENSOR
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
   HALL Position Sensor / Encoder
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com