Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LVCHIP Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-LVCHIP
Description  5-BIT OPTO ENCODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LVCHIP Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-LVCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-LVCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-LVCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-LVCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-LVCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-LVCHIP Datasheet HTML 9Page - IC-Haus GmbH IC-LVCHIP Datasheet HTML 10Page - IC-Haus GmbH IC-LVCHIP Datasheet HTML 11Page - IC-Haus GmbH IC-LVCHIP Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
iC-LV
5-BIT OPTO ENCODER
Rev A3, Page 8/12
DESCRIPTION OF FUNCTIONS
Illumination control
The integrated LED power control with a driver stage
keeps the photocurrent of reference photosensor
DREF constant. This compensates for aging, dirt and
drops in efficiency of the transmitting LED with rises
in temperature.
The photocurrent of reference sensor DREF and the
dark current of compensation sensor DD are ampli-
fied in the receiver. The amplified currents are sub-
tracted from one another, yielding an actual value to
feed the LED power control. The current adjusted by
resistor R1 at pin RSET generates the bias for the
control; the voltage at pin RSET is kept constant (see
Electrical Characteristics No. E01). If pin RSET re-
mains open an internal bias current is used which is
equivalent to an external resistor of ca. 24 k .
If there is an optical feedback loop from the LED to
reference sensor DREF the power driver alters the
LED current until the optical power received complies
with the given setpoint. The photocurrent generated
by reference sensor DREF
B and thus also the level
of illumination for the overall system
B is kept con-
stant.
A monitoring circuit detects when and if the LED con-
trol range is overshot or undershot and signals this by
switching error output NERR to low and via the error
bit during serial communication (when SEEN is high
and no synchronization is selected).
Resistor R3 connected in series to the transmitting
LED limits the current and governs the operating lim-
its of the LED power control.
At the same time the amplified dark current of com-
pensation sensor DD and the reference photocurrent
of sensor DREF are added together. The resulting
current, named INREF, is used to provide the switch-
ing threshold for the track comparators. This enables
operation of iC-LV with an external light source in-
stead of using power-controlled LED.
Track evaluation
The switching threshold supplied to the track com-
parators lies at half of INREF, ie. in the center be-
tween a full light and no light condition, and adjusts
automatically to changes in illumination. This enables
the device to be operated without the LED power
control with a constant illumination level only. The
hysteresis of the current comparators is also
photocurrent tracked and increases noise immunity.
The most significant bit (MSB) can be inverted by
connecting pin NDIR to ground (GND). If the pin re-
mains open, an internal pull-up current source gener-
ates a high level. When Gray code discs are used,
inverting the MSB track is tantamount to changing the
direction of rotation.


Similar Part No. - IC-LVCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
More results

Similar Description - IC-LVCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
   18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
   16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com