Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LFL1402 Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-LFL1402
Description  256x1 LINEAR IMAGE SENSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LFL1402 Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-LFL1402 Datasheet HTML 1Page - IC-Haus GmbH IC-LFL1402 Datasheet HTML 2Page - IC-Haus GmbH IC-LFL1402 Datasheet HTML 3Page - IC-Haus GmbH IC-LFL1402 Datasheet HTML 4Page - IC-Haus GmbH IC-LFL1402 Datasheet HTML 5Page - IC-Haus GmbH IC-LFL1402 Datasheet HTML 6Page - IC-Haus GmbH IC-LFL1402 Datasheet HTML 7Page - IC-Haus GmbH IC-LFL1402 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
prel
imin
ary
prel
imin
ary
iC-LFL1402
256x1 LINEAR IMAGE SENSOR
Rev A3, Page 7/8
SNH
SNH256
NRCI
Integration Time
259
Pix256
Pix255
...
Pix255
Pix256
Pix254
255
Pix1
1
256
3
V(AO)
CLK
SI
Pix2
Pix3
254
257
258
255
256
2
4
...
Pix1
Figure 6: Clock pulse continued without giving a new integration start signal
Operation with the shutter function
Integration can be stopped at any time via pin DIS,
i.e. the photodiodes are disconnected from their cor-
responding integration capacitor when DIS is high and
the current integration capacitor voltages are main-
tained. If this pin is open or switched to GND the pixel
photocurrents are summed up by the integration ca-
pacitors until the next successive SI signal follows.
PIX SAMPLE−C
5
6
DIS
Integration
Integration
Disabled
Disabled
Integration
Enabled
SNH
1
NRCI
2
...
1
4
SI
CLK
3
256
255
Figure 7: Defining the integration time via shutter input DIS
External bias current setting
In order to reduce the power consumption of the device
an external reference current can be supplied to pin
RSET which reduces the maximum readout frequency,
however. To this end a resistor must be connected
from VCC to RSET. If this pin is not used, it should
be connected to GND.
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein,
design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data.
Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.


Similar Part No. - IC-LFL1402

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LFL1402 ICHAUS-IC-LFL1402 Datasheet
415Kb / 9P
   256x1 LINEAR IMAGE SENSOR
IC-LFL1402 ICHAUS-IC-LFL1402_17 Datasheet
415Kb / 9P
   256x1 LINEAR IMAGE SENSOR
More results

Similar Description - IC-LFL1402

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LFL1402 ICHAUS-IC-LFL1402_17 Datasheet
415Kb / 9P
   256x1 LINEAR IMAGE SENSOR
logo
ams AG
TSL1402R AMSCO-TSL1402R Datasheet
819Kb / 17P
   256X1 LINEAR SENSOR ARRAY WITH HOLD
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
logo
IC-Haus GmbH
IC-LA ICHAUS-IC-LA Datasheet
234Kb / 8P
   64X1 LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com