Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-LF1401 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-LF1401
Description  128x1 LINEAR IMAGE SENSOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LF1401 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-LF1401 Datasheet HTML 1Page - IC-Haus GmbH IC-LF1401 Datasheet HTML 2Page - IC-Haus GmbH IC-LF1401 Datasheet HTML 3Page - IC-Haus GmbH IC-LF1401 Datasheet HTML 4Page - IC-Haus GmbH IC-LF1401 Datasheet HTML 5Page - IC-Haus GmbH IC-LF1401 Datasheet HTML 6Page - IC-Haus GmbH IC-LF1401 Datasheet HTML 7Page - IC-Haus GmbH IC-LF1401 Datasheet HTML 8Page - IC-Haus GmbH IC-LF1401 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
iC-LF1401
128x1 LINEAR IMAGE SENSOR
Rev B1, Page 3/10
PACKAGES OLGA LF2C, OBGA™ LF3C
PIN CONFIGURATION OLGA LF2C
PIN CONFIGURATION OBGA™ LF3C
PIN FUNCTIONS
No. Name Function
1 SI
Start Integration Input
2 CLK
Clock Input
3 AO
Analogue Output
4 VCC
+5 V Supply Voltage
5 RSET Bias Current (connected to GND for in-
ternal bias = default; resistor from VCC
to RSET for reduced current consump-
tion)
6 AGND Analogue Ground
7 GND
Digital Ground
8 DIS
Hold Integration Input
CHIP LAYOUT
Die size: 8.5 mm x 1.6 mm
DIS
GND
AGND
TP
RSET
SI
CLK
AO
VDD
VCC
pitch 63.5 um
active area 56.4 um x 200 um
pixel 1 ...
... pixel 128


Similar Part No. - IC-LF1401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-LF1401 ETC1-IC-LF1401 Datasheet
331Kb / 9P
   128x1 Linear Image Sensor
More results

Similar Description - IC-LF1401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-LF1401 ETC1-IC-LF1401 Datasheet
331Kb / 9P
   128x1 Linear Image Sensor
logo
ams AG
TSL1401CL AMSCO-TSL1401CL Datasheet
647Kb / 17P
   128X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF AMSCO-TSL1401CS-LF Datasheet
686Kb / 19P
   128X1 LINEAR SENSOR ARRAY WITH HOLD
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com