Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-JX Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-JX
Description  16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-JX Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-JX Datasheet HTML 1Page - IC-Haus GmbH IC-JX Datasheet HTML 2Page - IC-Haus GmbH IC-JX Datasheet HTML 3Page - IC-Haus GmbH IC-JX Datasheet HTML 4Page - IC-Haus GmbH IC-JX Datasheet HTML 5Page - IC-Haus GmbH IC-JX Datasheet HTML 6Page - IC-Haus GmbH IC-JX Datasheet HTML 7Page - IC-Haus GmbH IC-JX Datasheet HTML 8Page - IC-Haus GmbH IC-JX Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
iC-JX
16-FOLD 24 V HIGH-SIDE DRIVER WITH µC INTERFACE
Rev C1, Page 5/36
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = VDD = 3 ... 5.5 V, VBy = 12 ... 36 V, GNDA = GNDD = 0 V, RSET = 10 kΩ ±1% . All inputs on defined logic
states (high or low), Tj = -40 ... 125 °C unless otherwise stated. Functionality and parameters beyond operating conditions (for example
w.r. to independent voltage supplies) are to be verified within the individual application by FMEA methods.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
General
001
VCC
Permissible Supply Voltage
VCC
3
5.5
V
002
I(VCC)
Supply Current in VCC
10
20
mA
003
I(VCC)
Supply Current in VCC
no supply voltage VBy
30
mA
004
VDD
Permissible Supply Voltage
VDD
3
5.5
V
005
I(VDD)
Supply Current in VDD
(static)
all logic inputs lo = 0 V or
hi=VDD
3
6
mA
006
I(VDD)
Supply Current in VDD
(dynamic)
continuous reading cycle all 200ns, data word
‘00’ and ‘FF’ is alternating read,
CL(D0... 7) = 200 pF
30
mA
007
I(VDD)
Supply Current in VDD
all logic inputs lo=0.8V
3
mA
008
I(VDD)
Supply Current in VDD
all logic inputs hi=2.0V
5
mA
009
VBy
Permissible Supply Voltage
VB1...4 (operating range)
12
36
V
010
I(VBy)
Supply Current in VB1...4
POE = hi, IOx = hi, unbelastet
7
20
mA
011
I(VBy)
Supply Current in VB1...4
IOx = off
5
10
mA
012
Vc()lo
ESD Clamp Voltage lo
at VCC, VDD, VB1...4, RSET,
VREF
I() = -10 mA
-1.4
-0.3
V
013
Vc()hi
ESD Clamp Voltage hi
at VCC, VDD
I() = 10 mA
6
V
014
Vc()hi
ESD Clamp Voltage hi
at VB1...4
I() = 10 mA
30
55
V
015
Vc()lo
ESD Clamp Voltage lo
at IO1...16
I() = 10 mA, IOx = off
-25
-19
V
016
Vc()lo
ESD Clamp Voltage hi
at IO1...16
I() = 10 mA
30
55
V
017
Vc()hi
ESD Clamp Voltage hi at
NCS, NWR, NRD, A0...4, NRES,
CLK, BLFQ, D0...7, NINT, POE,
NSP
Vc()hi = V() - VDD,
D0...7 as input,
I() = 10 mA
0.4
1.5
V
018
Vc()lo
ESD Clamp Voltage lo at
NCS, NWR, NRD, A0...4, NRES,
CLK, BLFQ, D0...7, NINT, POE,
NSP
D0...7 as input,
I() = -10 mA
-1.5
-0.4
V
019
Ifl(IOx)
Leakage Current of I/O Pins
(x=1..16) beyond operating
conditions
VCC = 0 V and VDD = 0 V,
-0.2
mA
VBy = 2..30 V)
I/O Stages: High-Side Driver IO1...16
101
Vs()hi
Saturation Voltage hi
Vs()hi = VBy - V(IOx), I(IOx) = -15 mA;
see Fig. 1
0.2
V
102
Vs()hi
Saturation Voltage hi
Vs()hi = VBy - V(IOx), I(IOx) = -150 mA;
see Fig. 1
0.6
V
103
Vs()hi
Saturation Voltage hi for pulse
load
Vs()hi = VBy -V(IOx), I(IOx)= -500 mA, τ =
2 ms,
T ≤ 2 s;
see Fig. 2
2
V
104
Isc()hi
Overcurrent Cut-off
V(IOx) = 0 .. VBy - 3 V
-1.6
-0.51
A
105
It()scs
Threshold Current for Overcur-
rent Message
-1.2
-0.51
A
106
Vc()lo
Free-wheeling Clamp Voltage low I(IOx) = -150 mA
-18
-12
V
107
SR()hi
Slew Rate hi
CL = 0 ... 100 pF, I(IOx) = -150mA
5
17
V/µs


Similar Part No. - IC-JX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
IC-JX ICHAUS-IC-JX_16 Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
More results

Similar Description - IC-JX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX_16 Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
logo
Melexis Microelectronic...
MLX10410 MELEXIS-MLX10410 Datasheet
92Kb / 7P
   8 Fold High Side Driver
logo
Infineon Technologies A...
TLE6240GP INFINEON-TLE6240GP Datasheet
814Kb / 23P
   Smart 16-fold Low-Side Switch
V3.1 26.Aug 2002
logo
Texas Instruments
TPS929240-Q1 TI-TPS929240-Q1 Datasheet
3Mb / 123P
[Old version datasheet]   TPS929240-Q1 24-Channel, Automotive, 40-V, High-Side (O)LED Driver with FlexWire Interface
JULY 2022
TPS929240-Q1 TI-TPS929240-Q1_V01 Datasheet
7Mb / 129P
[Old version datasheet]   TPS929240-Q1 24-Channel, Automotive, 40-V, High-Side (O)LED Driver With FlexWire™ Interface
REVISED APRIL 2023
logo
STMicroelectronics
VN9D5D20F STMICROELECTRONICS-VN9D5D20F Datasheet
2Mb / 96P
   4 channel high-side driver with 24-bit SPI interface for automotive applications
Rev 6 - April 2023
VN9D5D20FN STMICROELECTRONICS-VN9D5D20FN Datasheet
2Mb / 96P
   4 channel high-side driver with 24-bit SPI interface for automotive applications
Rev 7 - April 2023
VN9D30Q100F STMICROELECTRONICS-VN9D30Q100F Datasheet
3Mb / 100P
   6-channel high-side driver with 24-bit SPI interface for automotive applications
Rev 4 - May 2021
logo
Texas Instruments
TPS929160-Q1 TI-TPS929160-Q1 Datasheet
7Mb / 122P
[Old version datasheet]   TPS929160-Q1 16-Channel, Automotive, 40-V, High-Side (O)LED Driver With FlexWire™ Interface
APRIL 2023
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com