Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-JRXPLCC44 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-JRXPLCC44
Description  쨉P INTERFACE WITH 2횞4 24V HIGH-SIDE DRIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-JRXPLCC44 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-JRXPLCC44 Datasheet HTML 1Page - IC-Haus GmbH IC-JRXPLCC44 Datasheet HTML 2Page - IC-Haus GmbH IC-JRXPLCC44 Datasheet HTML 3Page - IC-Haus GmbH IC-JRXPLCC44 Datasheet HTML 4Page - IC-Haus GmbH IC-JRXPLCC44 Datasheet HTML 5Page - IC-Haus GmbH IC-JRXPLCC44 Datasheet HTML 6Page - IC-Haus GmbH IC-JRXPLCC44 Datasheet HTML 7Page - IC-Haus GmbH IC-JRXPLCC44 Datasheet HTML 8Page - IC-Haus GmbH IC-JRXPLCC44 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
iC-JRX
µP INTERFACE WITH 2×4 24V HIGH-SIDE DRIVERS
Rev A1, Page 3/23
PACKAGES PLCC44 to JEDEC Standard
PIN CONFIGURATION PLCC44
(top view)
PIN FUNCTIONS PLCC44
No. Name
Fct.
Description
No. Name
Fct.
Description
1
CSN
I
Chip Select, active low
23
PGND
Ground (ESD protection circuitry)
2
WRN
I
Write Enable, active low
24
IO3
B
I/O Stage 3
3
RDN
I
Read Enable, active low
25
VB23
Power Supply Driver Stage 2+3
4
BLFQ
I
Clock Flash Mode
26
IO2
B
I/O Stage 2
5
CLK
I
Clock Filter and PWM Function
27
IO1
B
I/O Stage 1
6
INTN
O
Interrupt Message, active low
28
VB01
Power Supply Driver Stage 0+1
7
RESN
I
Reset, active low
29
IO0
B
I/O Stage 0
8
D1
B
Data Bus Bit 1
30
VCCA
+5 V Supply Voltage (analog section)
9
D3
B
Data Bus Bit 3
31
POE
I
Power Output Enable
10
D5
B
Data Bus Bit 5
32
n.c.
11
D7
B
Data Bus Bit 7
33
n.c.
12
GNDD
Ground (digital section)
34
VCCD
+5 V Supply Voltage (digital section)
13
n.c.
35
D6
B
Data Bus Bit 6
14
n.c.
36
D4
B
Data Bus Bit 4
15
TEST
B
Test Pin
37
D2
B
Data Bus Bit 2
16
GNDA
Ground (analog section)
38
D0
B
Data Bus Bit 0
17
IO7
B
I/O Stage 7
39
A0
I
Address Bus Bit 0
18
VB67
Power Supply Driver Stage 6+7
40
A1
I
Address Bus Bit 1
19
IO6
B
I/O Stage 6
41
A2
I
Address Bus Bit 2
20
IO5
B
I/O Stage 5
42
A3
I
Address Bus Bit 3
21
VB45
Power Supply Driver Stage 4+5
43
A4
I
Address Bus Bit 4
22
IO4
B
I/O Stage 4
44
n.c.
Functions: I = Input, O = Output, B = bidirectional
External wiring VCCA, VCCD to +5 V and GNDA, GNDD, PGND to 0 V required.


Similar Part No. - IC-JRXPLCC44

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-JEEVALJE1D ICHAUS-IC-JEEVALJE1D Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JEPDIP8 ICHAUS-IC-JEPDIP8 Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-JESO8 ICHAUS-IC-JESO8 Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
More results

Similar Description - IC-JRXPLCC44

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100 SUTEX-HV7100 Datasheet
282Kb / 7P
   24V/48V Fan Driver/Controller With High-Side Drive
logo
Linear Technology
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255 LINER-LTC1255_15 Datasheet
293Kb / 16P
   Dual 24V High-Side MOSFET Driver
logo
International Rectifier
IRS21962S IRF-IRS21962S Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
logo
Freescale Semiconductor...
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
logo
International Rectifier
IRS21962SPBF IRF-IRS21962SPBF_15 Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
logo
Maxim Integrated Produc...
MAX620 MAXIM-MAX620 Datasheet
392Kb / 12P
   Quad, High-Side MOSFET Drivers
Rev 2; 10/94
logo
Texas Instruments
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
logo
Freescale Semiconductor...
33910 FREESCALE-33910 Datasheet
765Kb / 44P
   LIN System Basis Chip with 2x60mA High Side Drivers
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com