Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-JEPDIP8 Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-JEPDIP8
Description  PWM RELAY/SOLENOID DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-JEPDIP8 Datasheet(HTML) 8 Page - IC-Haus GmbH

  IC-JEPDIP8 Datasheet HTML 1Page - IC-Haus GmbH IC-JEPDIP8 Datasheet HTML 2Page - IC-Haus GmbH IC-JEPDIP8 Datasheet HTML 3Page - IC-Haus GmbH IC-JEPDIP8 Datasheet HTML 4Page - IC-Haus GmbH IC-JEPDIP8 Datasheet HTML 5Page - IC-Haus GmbH IC-JEPDIP8 Datasheet HTML 6Page - IC-Haus GmbH IC-JEPDIP8 Datasheet HTML 7Page - IC-Haus GmbH IC-JEPDIP8 Datasheet HTML 8Page - IC-Haus GmbH IC-JEPDIP8 Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
iC-JE
PWM RELAY/SOLENOID DRIVER
Rev F1, Page 8/9
EVALUATION BOARD
The iC-JE is equipped with a Evaluation Board for test
purposes. The following figures show the circuit dia-
gram as well as the top and bottom layout of the test
PCB.
The board comes with a strap between IN and
SENSE1 (application equal to Fig. 4). The actual coil
current can be measured by the voltage drop between
SENSE1 and SENSE2 (1 mV/mA).
R
0.5
OUT
VB
GND
IN
ISET
LED
RSET
33.2 k
PWM COIL DRIVER
iC−JE
H470
RELAIS
100 nF
CVB
1
RSENSE
GND
SENSE2
SENSE1
VB
LED
IN
IN
ISET
LED
OUT
VB
GND
LED1
VB1
33.2 k
RSET1
iC−JE
PWM COIL DRIVER
CVB1
100 nF
IN1
VB1
OUT1
LED1
D102
Evaluation Circuit
Application Field
GND1
LOUT
Figure 9: Schematic diagram of the Evaluation Board
Figure 10: Evaluation Board (components side)
Energise
Hold
Turn−off
100 mA
66 mA
0 mA
20 V
0 V
100 ms
0 ms
t aus
35 V
I(LOUT)
Vout
Figure 11: Oscilloscope graph of the evaluation cir-
cuit (sampled)
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein,
design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data.
Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.


Similar Part No. - IC-JEPDIP8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
More results

Similar Description - IC-JEPDIP8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
497Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
453Kb / 11P
   PWM RELAY/SOLENOID DRIVER
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com