Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G125SE Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC1G125SE
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G125SE Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC1G125SE Datasheet HTML 3Page - Diodes Incorporated 74LVC1G125SE Datasheet HTML 4Page - Diodes Incorporated 74LVC1G125SE Datasheet HTML 5Page - Diodes Incorporated 74LVC1G125SE Datasheet HTML 6Page - Diodes Incorporated 74LVC1G125SE Datasheet HTML 7Page - Diodes Incorporated 74LVC1G125SE Datasheet HTML 8Page - Diodes Incorporated 74LVC1G125SE Datasheet HTML 9Page - Diodes Incorporated 74LVC1G125SE Datasheet HTML 10Page - Diodes Incorporated 74LVC1G125SE Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74LVC1G125
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125
Document number: DS32202 Rev. 2 - 2
7 of 14
www.diodes.com
October 2010
© Diodes Incorporated
Parameter Measurement Information
RL
RL
CL
(see Note A)
From Output
Under Test
VLOAD
Open
GND
S1
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
Vload
tPHZ/tPZH
GND
Vcc
Inputs
VM
VLOAD
CL
RL
V
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
2 X VCC
15pF
1M
0.15V
2.5V±0.2V
VCC
≤2ns
VCC/2
2 X VCC
15pF
1M
0.15V
3.3V±0.3V
3V
≤2.5ns
1.5V
6V
15pF
1M
0.3V
5V±0.5V
VCC
≤2.5ns
VCC/2
2 X VCC
15pF
1M
0.3V
Voltage Waveform Pulse Duration
Voltage Waveform Enable and Disable Times
Low and High Level Enabling
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLZ and tPHZ are the same as tdis.
E. tPZL and tPZH are the same as tEN.
F. tPLH and tPHL are the same as tPD.


Similar Part No. - 74LVC1G125SE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G125SE-7 DIODES-74LVC1G125SE-7 Datasheet
180Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - 74LVC1G125SE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com