Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1315 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA1315
Description  Power Amplifier Applications Power Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1315 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1315_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1315_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1315_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1315_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1315_09 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1315
2009-12-21
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −80 V, IE = 0
−1.0
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−1.0
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−80
V
hFE (1)
(Note2)
VCE = −2 V, IC = −0.5 A
70
240
DC current gain
hFE (2)
VCE = −2 V, IB = −1.5 A
40
Collector-emitter saturation voltage
VCE (sat)
IC = −1 A, IB = −0.05 A
−0.2
−0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = −1 A, IB = −0.05 A
−0.9
−1.2
V
Transition frequency
fT
VCE = −2 V, IC = −0.5 A
80
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
45
pF
Turn-on time
ton
0.2
Storage time
tstg
1.0
Switching time
Fall time
tf
IB1 = 0.05 A ,IB2 = 0.05 A,
duty cycle ≤ 1%
0.2
μs
Note2: hFE (1) classification O: 70 to 140, Y: 120 to 240
Marking
Note3: A line under a Lot No. identifies the indication of product Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
20 μs
VCC = −30 V
Output
IB2
IB1
Input
A1315
Lot No.
Note3
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SA1315_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results

Similar Description - 2SA1315_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
   Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
   Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
   POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
   Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com