Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G02W5 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC1G02W5
Description  SINGLE 2 INPUT POSITIVE NOR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G02W5 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC1G02W5 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G02W5 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVC1G02
SINGLE 2 INPUT POSITIVE NOR GATE
74LVC1G02
Document number: DS32197 Rev. 2 - 2
6 of 14
www.diodes.com
October 2010
© Diodes Incorporated
Switching Characteristics
Over recommended free-air temperature range, CL = 15pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
Vcc = 1.8 V
± 0.15V
Vcc = 2.5 V
± 0.2V
Vcc = 3.3 V
± 0.3V
Vcc = 5 V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A or B
Y
1.9
7.2
0.8
4.4
0.8
3.6
0.8
3.4
ns
Over recommended free-air temperature range, CL = 30 or 50pF (see Figure 2)
Parameter
From
(Input)
TO
(OUTPUT)
Vcc = 1.8 V
± 0.15V
Vcc = 2.5 V
± 0.2V
Vcc = 3.3 V
± 0.3V
Vcc = 5 V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A or B
Y
2.8
8.0
1.2
5.5
1.0
4.5
1.0
4.0
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
Vcc = 1.8 V
Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 5 V
Unit
TYP
TYP
TYP
TYP
Cpd
Power dissipation
capacitance
f = 10 MHz
23
23
23
25
pF


Similar Part No. - 74LVC1G02W5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G02W5 DIODES-74LVC1G02W5 Datasheet
200Kb / 11P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 1 - 2
74LVC1G02W5-7 DIODES-74LVC1G02W5-7 Datasheet
200Kb / 11P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 1 - 2
More results

Similar Description - 74LVC1G02W5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com