Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-GF Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-GF
Description  TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GF Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-GF Datasheet HTML 5Page - IC-Haus GmbH IC-GF Datasheet HTML 6Page - IC-Haus GmbH IC-GF Datasheet HTML 7Page - IC-Haus GmbH IC-GF Datasheet HTML 8Page - IC-Haus GmbH IC-GF Datasheet HTML 9Page - IC-Haus GmbH IC-GF Datasheet HTML 10Page - IC-Haus GmbH IC-GF Datasheet HTML 11Page - IC-Haus GmbH IC-GF Datasheet HTML 12Page - IC-Haus GmbH IC-GF Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
iC-GF
TRANSCEIVER
Rev C1, Page 9/26
ELECTRICAL CHARACTERISTICS
Operating Conditions: VBO = 9...30 V (referenced to VN), Tj = -40...125 °C, RSET = 6.8 kΩ ±1%, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
603
Vt()hys
Hysteresis at IN1/TX, IN2/MOSI,
OEN, SCLK, NCS
Vt()hys = Vt()hi − Vt()lo
200
280
mV
604
Ipd()
Pull-Down Current at IN1/TX,
IN2/MOSI
V() > 0.4 V
10
168
µA
605
Ipd()
Pull-Down Current at NCS, SCLK SPI mode, V() > 0.4 V
10
40
µA
606
Ipd(OEN)
Pull-Down Current at OEN
V(OEN) > 0.4 V
1
6
µA
607
Vahi()
Input Threshold hi at QCFG1,
QCFG2, INV1
52
64
69
%VCC3
608
Vahi()hys
Hysteresis hi at QCFG1, QCFG2,
INV1
3
7
%VCC3
609
Valo()
Input Threshold lo at QCFG1,
QCFG2, INV1
24
29
34
%VCC3
610
Valo()hys
Hysteresis lo at QCFG1, QCFG2,
INV1
3
7
%VCC3
611
Voc()
Open Circuit Voltage at QCFG1,
QCFG2, INV1
42
46.5
51
%VCC3
612
Ri()
Internal Resistance at QCFG1,
QCFG2, INV1
Referenced to VCC3
40
85
190
kΩ
Referenced to GND
40
85
190
kΩ
613
tsup()
Permissible Spurious Pulse
Width at IN1/TX, IN2, INV1/ESPI
No activity triggered, DEFAULT mode or SPI
mode with FCFG(1:0) = 10
2.5
µs
614
ttrig()
Required Pulse Width at IN1/TX,
IN2, INV1/ESPI
Activity triggered, DEFAULT mode or SPI mode
with FCFG(1:0) = 10
6
µs
615
tsup()
Permissible Spurious Pulse
Width at QCFG1, QCFG2, OEN
No activity triggered, DEFAULT mode or SPI
mode with FCFG(1:0) = 10
5
µs
616
ttrig()
Required Pulse Width at QCFG1,
QCFG2, OEN
Activity triggered, DEFAULT mode or SPI mode
with FCFG(1:0) = 10
12
µs
617
tpio
Propagation Delay
IN1 → QP1, QN1
IN2 → QP2, QN2
INV1 = low or high, DEFAULT mode or SPI
mode with FCFG(1:0) = 10
2.4
10
µs
Error Output NOVL/NDIAG, NUVD/MISO
701
Vs()lo
Saturation Voltage lo at NOVL,
NUVD
DEFAULT mode, I() = 1.0 mA
0.4
V
702
Vs()lo
Saturation Voltage lo at NDIAG
SPI mode, I() = 1.0 mA
0.4
V
703
Isc()lo
Short Circuit Current lo in NOVL,
NUVD
DEFAULT mode, V() = 0.4 V...VCC
1.2
25
mA
704
Isc()lo
Short Circuit Current lo in NDIAG SPI mode, V() = 0.4 V...VCC
1.2
25
mA
705
Ilk()
Leakage Current in NOVL, NUVD DEFAULT mode, V() = 0 V...VCC, no error
-10
10
µA
706
Ilk()
Leakage Current in NDIAG
SPI mode, V() = 0 V...VCC, no error
-10
10
µA
707
Vs()hi
Saturation Voltage high at MISO
SPI mode, I(MISO) = -2 mA,
Vs(MISO)hi = VCC3 − V(MISO)
0.4
V
708
Vs()lo
Saturation Voltage low at MISO
SPI mode, I(MISO) = 2 mA
0.4
V
709
Isc()hi
Short Circuit current hi in MISO
SPI mode, V(MISO) = 0...VCC3 − 0.4 V
-40
mA
710
Isc()lo
Short Circuit current lo in MISO
SPI mode, V(MISO) = 0.4 V...VCC3
90
mA
711
tr(MISO)
Rise Time
SPI mode, Cl(MISO) = 30 pF,
0 → 90%VCC3
22
ns
712
tf(MISO)
Fall Time
SPI mode, 100 → 10%VCC3
16
ns
Feedback Channel CFI to CFO/RX
801
Vt1(CFI)hi Input Threshold 1 hi at CFI
VBR < 18 V
59
66
74
%VBR
802
Vt1(CFI)lo Input Threshold 1 lo at CFI
VBR < 18 V
44
50
56
%VBR
803
Vt2(CFI)hi Input Threshold 2 hi at CFI
VBR > 18 V
10.5
11.3
12
V
804
Vt2(CFI)lo Input Threshold 2 lo at CFI
VBR > 18 V
8.3
9
10.5
V
805
Vt()hys
Hysteresis at CFI
Vt(CFI)hys = Vt(CFI)hi − Vt(CFI)lo
1
V
806
Ipu(CFI)
Pull-Up Current at CFI
DEFAULT mode: CFP = hi,
V(CFI) = 0...VBR − 3 V
SPI mode: POL = 1, ENPUD = 1
-300
-40
µA


Similar Part No. - IC-GF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
1Mb / 30P
   TRANSCEIVER
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
More results

Similar Description - IC-GF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
78P2241 ETC-78P2241 Datasheet
132Kb / 23P
   Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
Texas Instruments
SN75LBC773 TI-SN75LBC773 Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com