Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-DXC Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-DXC
Description  Digital Sensor Output Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DXC Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-DXC Datasheet HTML 1Page - IC-Haus GmbH IC-DXC Datasheet HTML 2Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
iC-DX / iC-DXC
Digital Sensor Output Drivers
Am Kuemmerling 18 • D-55294 Bodenheim, Germany
Phone: +49 (6135) 9292-300 • Fax: +49 (6135) 9292-192 • http://www.ichaus.com
Features
Configurable high-side, low-side and push-pull operation
150 mA (iC-DX) and 200 mA (iC-DXC) output current
IO-Link compliant (iC-DXC)
Reverse polarity protection
5 µs input filter for spike supression
Current limited output (< 450 mA)
Wide supply voltage range from 8 to 30 V
Driver shutdown with overtemperature
Integrated free-wheeling diode for inductive loads
Sensor supply voltage output of 5 V (10 mA)
The iC-DX / iC-DXC are monolithic switches for ohmic,
inductive and capacitive loads. The supply voltage VB of the
devices can range from 8 to 30 V and has integrated reverse
polarity protection.
The operational output source/sink-current is up to 150 mA for
the iC-DX and up to 200 mA for the iC-DXC with maximum
saturation voltages of 2 V. Their short circuit currents are limited
to 450 mA. With input OE on high level state, the output works
as a push-pull driver controlled by input IN. If IN is set either
to high or low level, the output acts as a high-side (PNP) or
low-side (NPN) driver which is activated by a high logic level
on input OE. Output transitions are slew-rate limited to minimize
interference (on lines). The devices are short circuit protected
by shutting down with excessive temperature. A regulated 5 V
power supply is available at pin VOUT to supply external
circuitry with up to 10 mA.
The iC-DXC additional features a feedback path of the state of
output pin OUT. Forcing OUT externally from its current state is
signalled at pin MON. This can be used to implement an IO-Link
Wake-Up detection.
Applications
Digital sensors
Light barriers
Proximity switches
High Side Sw.
DIGITAL INPUT
VREF
REG
&
<150 C
&
iC-DXC
FILT
NEP
EN
36V
Low Side Switch
36V
++
-
=1
+
+
-
OUT
5V
IN
GND
VB
VOUT
OE
VRL
VRH
CFO
MON
=1
iC-DX
36V
Low Side Switch
36V
High Side Sw.
DIGITAL INPUT
VREF
REG
&
<150 C
&
NEP
EN
+
-
OUT
5V
IN
GND
VB
VOUT
OE


Similar Part No. - IC-DXC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DXC ICHAUS-IC-DXC Datasheet
484Kb / 11P
   DIGITAL SENSOR I/O DRIVER
IC-DXC3 ICHAUS-IC-DXC3 Datasheet
566Kb / 12P
   DIGITAL SENSOR I/O DRIVER
IC-DXC ICHAUS-IC-DXC_11 Datasheet
484Kb / 11P
   DIGITAL SENSOR I/O DRIVER
IC-DXC ICHAUS-IC-DXC_17 Datasheet
519Kb / 12P
   DIGITAL SENSOR I/O DRIVER
More results

Similar Description - IC-DXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOS101 TI1-TIOS101 Datasheet
859Kb / 26P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
TIOS101 TI1-TIOS101_19 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Sensor Output Drivers with Integrated Surge Protection
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
logo
Epson ToYoCom
XV7001BB EPSONTOYOCOM-XV7001BB Datasheet
534Kb / 2P
   GYRO Sensor (Digital Output)
logo
Toshiba Semiconductor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
   Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
   Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
   Digital Output Magnetic Sensor
logo
ON Semiconductor
CAT6095 ONSEMI-CAT6095 Datasheet
268Kb / 18P
   Digital Output Temperature Sensor
Doc. No. MD-1124 Rev. D
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
   Digital-Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
   Digital Output Magnetic Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com