Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1204 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1204
Description  Audio Frequency Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1204 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1204 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1204 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1204 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1204 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1204
2009-12-21
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1204
Audio Frequency Amplifier Applications
• High DC current gain: hFE = 100 to 320
• Suitable for output stage of 1 watts amplifier
• Small flat package
• PC = 1.0 to 2.0 W (mounted on a ceramic substrate)
• Complementary to 2SC2884
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−35
V
Collector-emitter voltage
VCEO
−30
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−800
mA
Base current
IB
−160
mA
PC
500
Collector power dissipation
PC
(Note 1)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on a ceramic substrate (250 mm
2 × 0.8 t)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
PW-MINI
JEDEC
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SA1204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1204 TOSHIBA-2SA1204 Datasheet
153Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
logo
Nanjing International G...
2SA1204 DGNJDZ-2SA1204 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SA1204 TOSHIBA-2SA1204 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1204 KEXIN-2SA1204 Datasheet
363Kb / 2P
   Audio Frequency Amplifier Applications
logo
Shenzhen Jin Yu Semicon...
2SA1204 HTSEMI-2SA1204 Datasheet
190Kb / 1P
   TRANSISTOR(PNP)
More results

Similar Description - 2SA1204

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com