Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1620W Datasheet(PDF) 2 Page - STMicroelectronics

Part # T1620W
Description  16A SNUBBERLESS TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1620W Datasheet(HTML) 2 Page - STMicroelectronics

  T1620W Datasheet HTML 1Page - STMicroelectronics T1620W Datasheet HTML 2Page - STMicroelectronics T1620W Datasheet HTML 3Page - STMicroelectronics T1620W Datasheet HTML 4Page - STMicroelectronics T1620W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T820W / T830W
2/5
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
60
°C/W
Rth(j-c)
Junction to case (AC)
3.1
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Quadrant
T1620
T1630
Unit
IGT
(1)
VD=12V RL=30
I-II-III
MAX.
20
30
mA
VGT
I-II-III
MAX.
1.3
V
VGD
VD=VDRM RL=3.3k
Ω Tj = 125°C
I-II-III
MIN.
0.2
V
IH
(2)
IT= 250mA
MAX.
35
50
mA
IL
IG = 1.2IGT
I - III
MAX.
70
80
mA
II
MAX.
80
100
mA
dV/dt
(2)
VD=67% VDRM Gate open Tj = 125°C
MIN.
300
500
V/
µs
(dI/dt)c
(2)
Without snubber Tj = 125°C
MIN.
8.5
11
A/ms
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
VTM
(2)
ITM = 22.5 A
tp = 380µs
Tj = 25°C
MAX.
1.4
V
VTO
(2)
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
(2)
Dynamic resistance
Tj = 125°C
MAX.
20
m
IDRM
IRRM
VDRM =VRRM
Tj = 25°C
Tj = 125°C
MAX
5
1
µA
mA
Note 1: Minimum IGT is guaranted at 5% of IGT max.
Note 2: For both polarities of A2 referenced to A1.
STATIC CHARACTERISTICS
Part Number
Voltage
Sensitivity
Type
Package
T1620-600W
600V
20 mA
Snubberless
ISOWATT220AB
T1620-800W
800V
20 mA
Snubberless
ISOWATT220AB
T1630-600W
600V
30 mA
Snubberless
ISOWATT220AB
T1630-800W
800V
30 mA
Snubberless
ISOWATT220AB
PRODUCT SELECTOR


Similar Part No. - T1620W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1620W STMICROELECTRONICS-T1620W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
More results

Similar Description - T1620W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
T620-600W STMICROELECTRONICS-T620-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
T1620-600W STMICROELECTRONICS-T1620-600W Datasheet
94Kb / 8P
   Snubberless 16A Triacs
T1620W STMICROELECTRONICS-T1620W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T1020-600W STMICROELECTRONICS-T1020-600W Datasheet
119Kb / 5P
   SNUBBERLESS TRIAC
T620W STMICROELECTRONICS-T620W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T1220W STMICROELECTRONICS-T1220W Datasheet
316Kb / 5P
   SNUBBERLESS TRIAC
T1020W STMICROELECTRONICS-T1020W Datasheet
64Kb / 5P
   SNUBBERLESS TRIAC
November 1996
T820W STMICROELECTRONICS-T820W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
logo
NTE Electronics
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
   TRIAC, 16A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com