Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T630-600W Datasheet(PDF) 8 Page - STMicroelectronics

Part # T630-600W
Description  6 A Snubberless??Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T630-600W Datasheet(HTML) 8 Page - STMicroelectronics

  T630-600W Datasheet HTML 1Page - STMicroelectronics T630-600W Datasheet HTML 2Page - STMicroelectronics T630-600W Datasheet HTML 3Page - STMicroelectronics T630-600W Datasheet HTML 4Page - STMicroelectronics T630-600W Datasheet HTML 5Page - STMicroelectronics T630-600W Datasheet HTML 6Page - STMicroelectronics T630-600W Datasheet HTML 7Page - STMicroelectronics T630-600W Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
T630W
8/8
Doc ID 3764 Rev 3
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries (“ST”) reserve the
right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any
time, without notice.
All ST products are sold pursuant to ST’s terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no
liability whatsoever relating to the choice, selection or use of the ST products and services described herein.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this
document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products
or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such
third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST’S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED
WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS
OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT
RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING
APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY,
DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE
GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER’S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void
any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any
liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
© 2010 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - T630-600W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630-600W STMICROELECTRONICS-T630-600W Datasheet
63Kb / 5P
   6A SNUBBERLESTM TRIAC
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
   6 A Snubberless??Triac
T630-600W STMICROELECTRONICS-T630-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
More results

Similar Description - T630-600W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
   6 A Snubberless??Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
   6 A Snubberless??Triac
January 2015 Rev 2
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
   6 A Snubberless??Triac
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
   6 A Snubberless??Triac
July 2014 Rev 3
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
   8 A Snubberless Triac
T1635T-8I STMICROELECTRONICS-T1635T-8I Datasheet
186Kb / 10P
   Snubberless 16 A Triac
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
   8 A Snubberless??Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
   12 A Snubberless™ Triac
December 2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
   40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com