Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV8162 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV8162_09 Datasheet HTML 3Page - STMicroelectronics STV8162_09 Datasheet HTML 4Page - STMicroelectronics STV8162_09 Datasheet HTML 5Page - STMicroelectronics STV8162_09 Datasheet HTML 6Page - STMicroelectronics STV8162_09 Datasheet HTML 7Page - STMicroelectronics STV8162_09 Datasheet HTML 8Page - STMicroelectronics STV8162_09 Datasheet HTML 9Page - STMicroelectronics STV8162_09 Datasheet HTML 10Page - STMicroelectronics STV8162_09 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV8162
Application diagrams
7/14
4
Application diagrams
Figure 4.
Reset diagram
Figure 5.
Internal reset diagram
Figure 6.
STV8162 typical application
OUTPUT1
REG
VREF
-
+ a
+
-
Ce
VREF 0.6V
b
RESET
10 µA
3
VREF = 2.5 V
RESET
K
VRTH
VO1RST
tRD
tRD
VOUT1
Power On
Power Off
K = Actual Value of VOUT1
1
2
9
7
Ce
0.1 µF
C2
C3
C1 to C6 = 10 µF
OUTPUT2
OUTPUT3
INPUT2
INPUT3
5
8
10
RESET
DELAY
CAPACITOR
DISABLE
GROUND
11
VOUT1
VOUT2
4 INPUT1
OUTPUT1 3
6
VIN1
VIN2
VIN3
C1
VOUT3
C5
C6
C4
NC


Similar Part No. - STV8162_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8162D STMICROELECTRONICS-STV8162D Datasheet
870Kb / 12P
   5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
More results

Similar Description - STV8162_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
   5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
   5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
September 2003
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
   3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
   5.1 V and 8 V dual voltage regulator with disable and reset functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
   ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
   Double (5.1 V and adjustable) voltage regulator with reset and disable functions
February 2009
logo
Integral Corp.
ILA8137 INTEGRAL-ILA8137 Datasheet
133Kb / 2P
   5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
   DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
logo
Infineon Technologies A...
IFX21004TNV51 INFINEON-IFX21004TNV51 Datasheet
1Mb / 14P
   Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.00, 2010-11-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com