Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYSH-3528UWC-66-12V Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYSH-3528UWC-66-12V
Description  Monocolor Flexible SMD LED Strip Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYSH-3528UWC-66-12V Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYSH-3528UWC-66-12V Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UWC-66-12V Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UWC-66-12V Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UWC-66-12V Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
Monocolor Flexible SMD LED Strip Specification
PartNO.:FYSH-3528UWC-66-12V
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
Features:
The application of soft & flexible PCB makes the strip possible to be bent into any shape as per users’
needs. The viewing angle as wide as 120°and adjusta ble length by cutting off or connecting every
three LED's enable it to be more suitable for the applications of signs, advertisings and backlights.
Applications:
1.
Channel Letters
2.
Lighting source for shopwindows
3.
Indoor Decoration Lighting
4.
Advertising Signs
5.
Replacement for Neon
Photo
Drawing (5 meter)
Notes:
1.
All dimensions are millimeters.
2.
Tolerance is ±0.2mm unless otherwise specified.
3.
Specifications are subject to change without notice.
4.
Dimension: L5000*W8*H2mm.
5.
Can be cut or connected every three LEDs.


Similar Part No. - FYSH-3528UWC-66-12V

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-3528UWC-60-12V FORYARD-FYSH-3528UWC-60-12V Datasheet
183Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
More results

Similar Description - FYSH-3528UWC-66-12V

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-3528UGC-60-12V FORYARD-FYSH-3528UGC-60-12V Datasheet
183Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-3528UWW-60-12V FORYARD-FYSH-3528UWW-60-12V Datasheet
183Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-3528UGC-66-12VF FORYARD-FYSH-3528UGC-66-12VF Datasheet
130Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-3528UWW-66-12VF FORYARD-FYSH-3528UWW-66-12VF Datasheet
134Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-3528UBC-66-12VF FORYARD-FYSH-3528UBC-66-12VF Datasheet
141Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-3528URC-66-12VF FORYARD-FYSH-3528URC-66-12VF Datasheet
141Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-3528UWC-60-12V FORYARD-FYSH-3528UWC-60-12V Datasheet
183Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-3528UBC-60-12V FORYARD-FYSH-3528UBC-60-12V Datasheet
183Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-3528URC-60-12V FORYARD-FYSH-3528URC-60-12V Datasheet
183Kb / 4P
   Monocolor Flexible SMD LED Strip Specification
FYSH-5050RGB-30-12V-WW10 FORYARD-FYSH-5050RGB-30-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com