Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS4487US Datasheet(PDF) 1 Page - Sensitron

Part # SS4487US
Description  Zener 1.5W DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SS4487US Datasheet(HTML) 1 Page - Sensitron

  SS4487US Datasheet HTML 1Page - Sensitron SS4487US Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5079, Rev -
Zener 1.5W DIODE
Ultra-low reverse leakage current
Zener voltage available from 36V to 160V
Sharp Zener knee
Metallurgically bonded
Hermetic, non-cavity glass package
Electrical characteristics – Temperature 25
oC unless otherwise noted
Part Number
Nominal
Zener
Voltage
Vz
Test
current
IZT
Max
Dynamic
Impedance
ZZK @ IZK
Max Knee
Impedance
IZK @ IZK
Max
Continuous
Current
IZM
Max Surge
Current
IZSM
Maximum
Reverse
Current
IR @ VR
V
mA
mA
mA
A
µA
V
SS4464/US
SS4465/US
SS4466/US
SS4467/US
SS4468/US
SS4469/US
SS4470/US
SS4471/US
SS4472/US
SS4473/US
SS4474/US
SS4475/US
SS4476/US
SS4477/US
SS4478/US
SS4479/US
SS4480/US
SS4481/US
SS4482/US
SS4483/US
SS4484/US
SS4485/US
SS4486/US
SS4487/US
SS4488/US
SS4489/US
SS4490/US
SS4491/US
SS4492/US
SS4493/US
SS4494/US
9.1
10.0
11.0
12.0
13.0
15.0
16.0
18.0
20.0
22.0
24.0
27.0
30.0
33.0
36.0
39.0
43.0
47.0
51.0
56.0
62.0
68.0
75.0
82.0
91.0
100.0
110.0
120.0
130.0
150.0
160.0
28.0
25.0
23.0
21.0
19.0
17.0
15.5
14.0
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.7
3.3
3.0
2.8
2.5
2.0
2.0
1.9
1.7
1.6
4
5
6
7
8
9
10
11
12
14
16
18
20
25
27
30
40
50
60
70
80
100
130
160
200
250
300
400
500
700
1000
500
500
550
550
550
600
600
650
650
650
700
700
750
800
850
900
950
1000
1100
1300
1500
1700
2000
2500
3000
3100
4000
4500
5000
6000
6500
0.5
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
157
143
130
119
110
95
90
79
71
65
60
53
48
43
40
37
33
30
28
26
23
21
19
17
16
14
13
12
11
9.5
8.9
1.6
1.4
1.3
1.2
1.1
.95
.90
.79
.71
.65
.60
.53
.48
.43
.40
.37
.33
.30
.28
.26
.23
.21
.19
.17
.16
.14
.13
.12
.11
.095
.089
.30
.30
.30
.20
.05
.05
.05
.05
.05
.05
.05
.05
.05
.05
05
.05
.05
.05
.05
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
5.46
8.00
8.80
9.60
10.40
12.00
12.80
14.40
16.00
17.60
19.20
21.60
24.00
26.40
28.80
31.20
34.40
37.60
40.80
44.80
49.60
54.40
60.40
65.60
72.80
80.00
88.00
96.00
104.00
120.00
128.00
* Dc TA=+150
oC IR2
SS4464/US to SS4494/US


Similar Part No. - SS4487US

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS440R HONEYWELL-SS440R Datasheet
442Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors
SS440R HONEYWELL-SS440R Datasheet
528Kb / 14P
   Magnetic Sensors Line Guide
logo
SEC Electronics Inc.
SS441 SECELECTRONICS-SS441 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
logo
Honeywell Solid State E...
SS441A HONEYWELL-SS441A Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
SS441A HONEYWELL-SS441A Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results

Similar Description - SS4487US

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
SS4614-1 SENSITRON-SS4614-1 Datasheet
73Kb / 2P
   Zener 1.5W DIODE
1N4106-1 SENSITRON-1N4106-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
1N4478 SENSITRON-1N4478 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com