Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFT30DCSM Datasheet(PDF) 1 Page - Seme LAB

Part No. BFT30DCSM
Description  Dual Bipolar NPN Devices in a hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

BFT30DCSM Datasheet(HTML) 1 Page - Seme LAB

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BFT30DCSM
Dual Bipolar NPN Devices.
V
CEO =
60V
I
C = 1A
All Semelab hermetically sealed products can
be processed in accordance with the
requirements of BS, CECC and JAN, JANTX,
JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
1
A
h
FE
@ 10/0.1 (V
CE / IC)
75
250
-
f
t
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Dual Bipolar NPN Devices in
a hermetically sealed
LCC2 Ceramic Surface Mount
Package for High Reliability
Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
LCC2 (MO-041BB)
Pinouts
Pin 1 – Collector 1
Pin 4 – Collector 2
Pin 2 – Base 1
Pin 5 – Emitter 2
Pin 3 – Base 2
Pin 6 – Emitter 1


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn