Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS4615-1 Datasheet(PDF) 1 Page - Sensitron

Part # SS4615-1
Description  Zener 1.5W DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SS4615-1 Datasheet(HTML) 1 Page - Sensitron

  SS4615-1 Datasheet HTML 1Page - Sensitron SS4615-1 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5125, Rev -
Zener 1.5W DIODE
Zener voltage available from 1.8V to 6.2V
Sharp Zener knee
Metallurgically bonded
Dimensions in inches (mm)
Nominal
Zener
Voltage
Zener
Test
Current
Max Zener
Impedance
Max Zener
Current
Max Reverse
Leakage Current
Vz Nominal
Ir
Zzt
Izsm
Ir
Vr
Type
Number
Volts
μA dc
ohms
mA
μA dc
Volts
SS4614-1/UR -1
SS4615-1/UR -1
SS4616-1/UR -1
SS4617-1/UR -1
SS4618-1/UR -1
SS4619-1/UR -1
SS4620-1/UR -1
SS4621-1/UR -1
SS4622-1/UR -1
SS4623-1/UR -1
SS4624-1/UR -1
SS4625-1/UR -1
SS4626-1/UR -1
SS4627-1/UR -1
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
10.0
8.0
6.0
4.0
2.0
1.0
7.0
10.0
5.0
4.0
10.0
10.0
10.0
10.0
1200
1250
1300
1400
1500
1600
1650
1700
1650
1600
1550
1500
1400
1200
1600
1500
1350
1250
1100
1025
950
875
825
800
750
725
700
650
3.5
2.5
2.0
1.0
0.5
0.4
3.5
3.5
2.5
2.0
5.0
5.0
5.0
5.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
2.0
2.0
2.0
3.0
3.0
4.0
5.0
SS4614-1/UR-1 to SS4627-1/UR-1
SJ
SV
SX


Similar Part No. - SS4615-1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS461A HONEYWELL-SS461A Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
SS461A HONEYWELL-SS461A Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
SS461A-L HONEYWELL-SS461A-L Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
SS461A-T2 HONEYWELL-SS461A-T2 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
SS461A-T3 HONEYWELL-SS461A-T3 Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results

Similar Description - SS4615-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4106-1 SENSITRON-1N4106-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
1N4478 SENSITRON-1N4478 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com