Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM4007010 Datasheet(PDF) 1 Page - Sensitron

Part # SPM4007010
Description  Dual MOSFET BRIDGE, With Gate Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM4007010 Datasheet(HTML) 1 Page - Sensitron

  SPM4007010 Datasheet HTML 1Page - Sensitron SPM4007010 Datasheet HTML 2Page - Sensitron SPM4007010 Datasheet HTML 3Page - Sensitron SPM4007010 Datasheet HTML 4Page - Sensitron SPM4007010 Datasheet HTML 5Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
Datasheet 5030, Preliminary
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600 FAX (631) 242 9798
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
Page 1
SPM4007010
Dual MOSFET BRIDGE, With Gate Driver
DESCRIPTION: A 100 VOLT, 7.5 AMP, DUAL MOSFET BRIDGE
A high density Dual H-Bridge capabable of driving 7.5A peak at 100V. This small
footprint dual bridge contains low Rdson power FETs , FET drivers and precision
current sense reistors. The device does not need heat sinking and is housed in an
encapsulated sealed enclosure. The drive input signals are TTL compatable.
ELECTRICAL CHARACTERISTICS PER MOSFET DEVICE
(Tj=25
0C UNLESS OTHERWISE SPECIFIED)
P
PA
AR
RA
AM
ME
ET
TE
ER
R
S
SY
YM
MB
BO
OL
L
M
MIIN
N
T
TY
YP
P
M
MA
AX
X
U
UN
NIIT
T
MOSFET SPECIFICATIONS (Per Device)
Drain-to-Source Breakdown Voltage
BVDSS
100
-
-
V
Continuos Drain Current
TC = 25
OC
TC = 100
OC
ID
-
-
7.5
4.8
A
Pulsed Drain Current, Pulse Width limited to 1 msec
IDM
-
-
50
A
Zero Gate Voltage Drain Current
VDS = 80V, VGS=0V Ti=25
oC
VDS= 80 V, VGS=0V Ti=125
oC
ICSS
-
-
1
250
uA
uA
Static Drain-to-Source On Resistance,
Tj = 25
OC
Tj = 150
OC
ID= 7.5A, VGS = 10V,
RDSon
-
0.019
0.035
0.023
.043
Maximum Thermal Resistance
RθJC
-
-
35
oC/W
Maximum operating Junction Temperature
Tjmax
-40
-
150
oC
Maximum Storage Junction Temperature
Tjmax
-55
-
150
oC
Rise Time
tr
30
ns
Fall Time
tf
30
ns


Similar Part No. - SPM4007010

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
TDK Electronics
SPM4012 TDK-SPM4012 Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
SPM4012-LR TDK-SPM4012-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
logo
Sensitron
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
   Dual MOSFET BRIDGE, With Gate Driver
logo
TDK Electronics
SPM4012T-1R0M-LR TDK-SPM4012T-1R0M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits Wound Metal
More results

Similar Description - SPM4007010

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
   Dual MOSFET BRIDGE, With Gate Driver
logo
STMicroelectronics
VND670SP STMICROELECTRONICS-VND670SP_08 Datasheet
302Kb / 20P
   Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2106 AITSEMI-AG2106 Datasheet
997Kb / 15P
   MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Allegro MicroSystems
A3986 ALLEGRO-A3986_12 Datasheet
749Kb / 17P
   Dual Full-Bridge MOSFET Driver with Microstepping Translator
A3986 ALLEGRO-A3986 Datasheet
483Kb / 16P
   Dual Full-Bridge MOSFET Driver with Microstepping Translator
logo
STMicroelectronics
VND670SP STMICROELECTRONICS-VND670SP Datasheet
89Kb / 13P
   DUAL HIGH SIDE SWITCH WITH DUAL POWER MOS GATE DRIVER BRIDGE CONFIGURATION
logo
Sensitron
SPM6M070-020D SENSITRON-SPM6M070-020D Datasheet
105Kb / 8P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
SPM6M080-010D SENSITRON-SPM6M080-010D_10 Datasheet
146Kb / 16P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com