Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM6G060-120D Datasheet(PDF) 10 Page - Sensitron

Part # SPM6G060-120D
Description  Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM6G060-120D Datasheet(HTML) 10 Page - Sensitron

Back Button SPM6G060-120D Datasheet HTML 6Page - Sensitron SPM6G060-120D Datasheet HTML 7Page - Sensitron SPM6G060-120D Datasheet HTML 8Page - Sensitron SPM6G060-120D Datasheet HTML 9Page - Sensitron SPM6G060-120D Datasheet HTML 10Page - Sensitron SPM6G060-120D Datasheet HTML 11Page - Sensitron SPM6G060-120D Datasheet HTML 12Page - Sensitron SPM6G060-120D Datasheet HTML 13Page - Sensitron SPM6G060-120D Datasheet HTML 14Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4165, Rev. C.3
© 2004 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729 • (631) 586 7600
FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com •
Page 10
SPM6G060-120D
Application Notes
a- Input Interface:
Recommended input turn-on current for all six drive signals is 5-8mA.
For higher noise immunity the tri-state differential buffer, DS34C87, is recommended as
shown in Fig. 4.
Note : Connect LinA to non-inverting output for a non-inverting input logic.
Connect LinA to inverting output for an inverting input logic.
b-Temperature Sensor Output:
For both negative and positive temperature measurement capability, Contact the Factory.
Fig. 4. Input Signal Buffer
Opto-
Coupler
Input
LinA
LinA-R
300-400
Ω
2-5K
Ω
One Channel
of DS34C87
Fig. 5 Temperature Sensor Internal Block Diagram
0.1uF
Pin 27
8.87K
Ω


Similar Part No. - SPM6G060-120D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6G060-120D SENSITRON-SPM6G060-120D Datasheet
66Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
More results

Similar Description - SPM6G060-120D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6G140-060D SENSITRON-SPM6G140-060D Datasheet
244Kb / 17P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D Datasheet
84Kb / 7P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G070-060D SENSITRON-SPM6G070-060D Datasheet
172Kb / 19P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D_07 Datasheet
87Kb / 7P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G250-120D SENSITRON-SPM6G250-120D Datasheet
72Kb / 5P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G060-120D SENSITRON-SPM6G060-120D Datasheet
66Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G150-060D SENSITRON-SPM6G150-060D Datasheet
66Kb / 4P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-120D SENSITRON-SPM6G080-120D Datasheet
82Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G120-120D SENSITRON-SPM6G120-120D Datasheet
263Kb / 17P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
109Kb / 14P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com