Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD626031D Datasheet(PDF) 1 Page - Sensitron

Part # SHD626031D
Description  HERMETIC SILICON CARBIDE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD626031D Datasheet(HTML) 1 Page - Sensitron

  SHD626031D Datasheet HTML 1Page - Sensitron SHD626031D Datasheet HTML 2Page - Sensitron SHD626031D Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4284, REV. E
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION: A 600-VOLT, 8 AMP POWER SILICON CARBIDE RECTIFIER IN A HERMETIC TO-257
PACKAGE AVAILABLE SCREENED TO ANY REQUIRED LEVEL
FEATURES:
NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
High Frequency Option - Non-magnetic Glidcop leads are available for improved performance at
high frequency; use part number prefix SHDG
Ceramic Seal Option – For ceramic seals use part number prefix SHDC
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
600
Volts
MAXIMUM DC OUTPUT CURRENT (With TC = 65
OC, for part numbers with P and
N suffixes)
IO
8
Amps
MAXIMUM DC OUTPUT CURRENT (With TC = 65
OC, for part numbers with Single
and D suffixes)
IO
4
Amps
MAXIMUM REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 8.3ms, Sine) per leg, TC = 25
OC
IFRM
20
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 10
μs, Pulse) per leg, T
C = 25
OC
IFSM
110
Amps
MAXIMUM POWER DISSIPATION, TC = 25
OC,
Pd
20
W
MAXIMUM THERMAL RESISTANCE, Junction to Case (PER DUAL PACKAGE
For Common Cathode/Anode Configurations)
RθJC
5.6
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE*
Top, Tstg
-55 to
+200
°C
* Note: SiC semiconductors will handle at or above this operating and storage temperature. However, extended operational use of the packaged device
above 175C may reduce its future performance. All qualification testing and screening per MIL-PRF-19500 will only be performed to 175C.
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP
TJ = 25°C
Pulsed (If = 4 A PER LEG) Vf
TJ = 175 °C
1.50
2.00
1.85
2.40
Volts
MAXIMUM REVERSE CURRENT (Ir @ 600V PIV PER LEG) TJ = 25 °C
TJ = 175 °C
0.025
0.050
0.200
1.0
mA
TOTAL CAPACITIVE CHARGE (VR=600V IF=4A di/dt=500A/μs TJ=25°C) QC per leg
10
N/A
nC
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) per leg
CT
220
pF
SHD626031
SHD626031P
SHD626031N
SHD626031D


Similar Part No. - SHD626031D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD626031D SENSITRON-SHD626031D Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Similar Description - SHD626031D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674052 SENSITRON-SHD674052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com