Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD52630 Datasheet(PDF) 1 Page - Sensitron

Part # SHD52630
Description  POSITIVE 15 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD52630 Datasheet(HTML) 1 Page - Sensitron

  SHD52630 Datasheet HTML 1Page - Sensitron SHD52630 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 145, REV. –
Formerly part number SHD52630
POSITIVE 15 VOLT
VERY LOW DROPOUT VOLTAGE REGULATOR
FEATURES:
• LOW DROPOUT VOLTAGE
• ISOLATED HERMETIC PACKAGE
• SIMILAR to INDUSTRY TYPE LM2940 - 15
ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25°C unless otherwise specified.
Parameter
Conditions
Typical
Limit
Units
Output Voltage
5 mA
≤ I
O ≤ 1A,
16.75V
≤ V
IN ≤ 26V
15.00
14.25
15.75
VMIN
VMAX
Line Regulation
VO + 2V ≤ VIN ≤ 26V,
IO = 5 mA
20
150
mVmax
Load Regulation
50 mA
≤ IO ≤ 1A
70
240
mVMAX
Output Impedance
100 mADC and 20 mArms, fO =
120 Hz
100
1000
m
Quiescent Current
VO + 2V ≤ VIN ≤ 26V,
IO = 5 mA
10
20
mAMAX
VIN = VO + 5V, IO = 1A
30
60
mAMAX
Output Noise Voltage
10 Hz - 100kHz,
IO = 5 mA
450
1000
µV
rms
Ripple Rejection
fO = 1 kHz, 1 Vrms,
IO = 5 mA
-
42
dBMIN
Long Term Stability
-
60
-
mV/1000 Hr
Dropout Voltage
IO = 1A
0.5
1.0
VMAX
IO = 100 mA
110
200
mVMAX
Short Circuit Current
See Note 1
1.9
1.3
AMIN
Maximum Line Transient
RO = 100Ω
t
≤ 20 ms
55
40
VMIN
Reverse Polarity
DC Input Voltage
RO = 100Ω
-30
-15
VMIN
Reverse Polarity Transient
Input Voltage
RO = 100Ω
t
≤ 20 ms
-55
-45
VMIN
Maximum Junction Temperature
-
-
150
°C
Storage Temperature Range
-
-65
°C ≤ T
J ≤
+150
°C
°C
Input Voltage
-
-
26
V
Operating Temperature Range
-
-55
°C ≤ T
A ≤
+125
°C
°C
Maximum Thermal Resistance
Junction to Case
-
-
3
°C/W
- VIN = VO + 5V, IO = 1A, CO = 22µF, unless otherwise specified.
1. Output current will decrease with increasing temperature but will not drop below 1A at the maximum specified temperature.
SHD526193


Similar Part No. - SHD52630

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD526011 SENSITRON-SHD526011 Datasheet
43Kb / 2P
   FIXED POSITIVE 5.0 VOLT REGULATOR
SHD526011 SENSITRON-SHD526011_08 Datasheet
42Kb / 2P
   FIXED POSITIVE 5.0 VOLT REGULATOR
SHD526012 SENSITRON-SHD526012 Datasheet
59Kb / 3P
   FIXED POSITIVE 1.5 AMP 12 VOLT REGULATOR
SHD526013A SENSITRON-SHD526013A Datasheet
49Kb / 2P
   POSITIVE FIXED 15 VOLT 1.5 AMP REGULATOR
SHD526022 SENSITRON-SHD526022 Datasheet
43Kb / 2P
   FIXED NEGATIVE 12.0 VOLT 1.5 AMP REGULATOR
More results

Similar Description - SHD52630

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD52627 SENSITRON-SHD52627 Datasheet
36Kb / 2P
   POSITIVE 5 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
   7.5A Very Low Dropout Positive Regulator
logo
List of Unclassifed Man...
OM7648SM ETC-OM7648SM Datasheet
33Kb / 4P
   SURFACE MOUNT POSITIVE 0.5 VOLT, LOW DROPOUT VOLTAGE REGULATOR
logo
Seme LAB
IP78M15ADP SEME-LAB-IP78M15ADP Datasheet
15Kb / 2P
   3 TERMINAL LOW CURRENT 15 VOLT POSITIVE VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
International Rectifier
OM7671STM IRF-OM7671STM Datasheet
188Kb / 4P
   Low Dropout Positive Voltage Regulator
logo
Hangzhou Youwang Electr...
UTC1117 YOUWANG-UTC1117 Datasheet
96Kb / 7P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com