Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD239604 Datasheet(PDF) 1 Page - Sensitron

Part # SHD239604
Description  HERMETIC POWER MOSFET N-CHANNEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD239604 Datasheet(HTML) 1 Page - Sensitron

  SHD239604 Datasheet HTML 1Page - Sensitron SHD239604 Datasheet HTML 2Page - Sensitron SHD239604 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - www.sensitron.com E-Mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1015, REV. -
HERMETIC POWER MOSFET
N-CHANNEL
FEATURES:
œ 200 Volt, 0.045 Ohm, 50A MOSFET
œ Hermetic Metal Package
œ Low R
DS (on)
MAXIMUM RATINGS
ALL RATINGS ARE AT T
C = 25•C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
GATE TO SOURCE VOLTAGE
VGS
-
-
–20
Volts
ON-STATE DRAIN CURRENT
ID25
-
-
50
Amps
PULSED DRAIN CURRENT
IDM
-
-
200
Amps
OPERATING AND STORAGE TEMPERATURE
TJ/TSTG
-55
-
+150
•C
TOTAL DEVICE DISSIPATION
PD
-
-
460
Watts
THERMAL RESISTANCE, JUNCTION TO CASE
R JC
-
-
0.27
•C/W
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNITS
DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS = 0V, ID = 250
mA
BVDSS
200
-
-
Volts
STATIC DRAIN TO SOURCE ON STATE RESISTANCE
VGS = 10V, ID = 0.5ID25
RDS(ON)
-
-
0.045
W
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = 4.0 mA
VGS(th)
2.0
-
4.0
Volts
FORWARD TRANSCONDUCTANCE
VDS = 10V, ID = 0.5ID25
gfs
26
32
-
S(1/
W)
ZERO GATE VOLTAGE DRAIN CURRENT
VDS = 0.8 x Max. rating, VGS = 0V, TJ = 25
•C
TJ = 125
•C
IDSS
-
-
200
1000
mA
GATE TO SOURCE LEAKAGE FORWARD
VGS = 20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = -20V
IGSS
-
-
100
-100
nA
TURN ON DELAY TIME
VDS = 0.5V
œ
RISE TIME
VDSS, ID = 0.5
œI
D25
TURN OFF DELAY TIME
VGS=10V
FALL TIME
RG = 1.0
W
td(ON)
tr
td(OFF)
tf
-
18
15
72
16
25
20
90
25
nsec
DIODE FORWARD VOLTAGE
IF = IS, VGS = 0V
Pulse test, t
ˆ 300 ms, duty cycle d ˆ 2 %
VSD
-
-
1.5
Volts
REVERSE RECOVERY TIME
TJ = 25
•C,
IF=25A, VR = 100V
di/dt = 100A/
msec
trr
-
-
200
nsec
INPUT CAPACITANCE
VGS = 0 V,
OUTPUT CAPACITANCE
VDS = 25 V,
REVERSE TRANSFER CAPACITANCE
f = 1.0MHz
Ciss
Coss
Crss
-
4400
800
280
-
pF
SHD239604


Similar Part No. - SHD239604

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD239604 SENSITRON-SHD239604 Datasheet
42Kb / 2P
   POWER MOSFETS
More results

Similar Description - SHD239604

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225605 SENSITRON-SHD225605 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225503 SENSITRON-SHD225503 Datasheet
68Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com