Electronic Components Datasheet Search |
|
SHD230302 Datasheet(PDF) 1 Page - Sensitron |
|
SHD230302 Datasheet(HTML) 1 Page - Sensitron |
1 / 3 page 221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798 World Wide Web Site - http://www.sensitron.com E-mail Address - sales@sensitron.com SENSITRON SEMICONDUCTOR TECHNICAL DATA DATA SHEET 602, REV - HERMETIC POWER MOSFET N-CHANNEL FEATURES: 100 Volt, 0.18 Ohm, 7.4A MOSFET Fast Switching Low R DS (on) Equivalent to IRFE130 MAXIMUM RATINGS ALL RATINGS ARE AT T C = 25C UNLESS OTHERWISE SPECIFIED. RATING SYMBOL MIN. TYP. MAX. UNITS GATE TO SOURCE VOLTAGE VGS - - 20 Volts ON-STATE DRAIN CURRENT @ TC = 25 C ID - - 10.8 Amps ON-STATE DRAIN CURRENT @ TC = 100 C ID - - 6.8 Amps OPERATING AND STORAGE TEMPERATURE TOP/TSTG -55 - +150 C TOTAL DEVICE DISSIPATION @ TC = 25 C PD - - 42 Watts THERMAL RESISTANCE, JUNCTION TO CASE RthJC - - 3.0 C/W ELECTRICAL CHARACTERISTICS DRAIN TO SOURCE BREAKDOWN VOLTAGE VGS = 0V, ID = 1.0mA BVDSS 100 - - Volts STATIC DRAIN TO SOURCE ON STATE RESISTANCE VGS = 10V, ID = 5.4A RDS(ON) - - 0.18 W GATE THRESHOLD VOLTAGE VDS = VGS, ID = 250 mA VGS(th) 2.0 - 4.0 Volts FORWARD TRANSCONDUCTANCE VDS = 15V, IDS = 6.8A gfs 3.0 - - S(1/ W) ZERO GATE VOLTAGE DRAIN CURRENT VDS = 0.8xMax. Max. Rating, VGS = 0V VDS = 0.8xMax. Rating, VGS = 0V, TJ = 125 C IDSS - - 25 250 mA GATE TO SOURCE LEAKAGE FORWARD VGS = 20V GATE TO SOURCE LEAKAGE REVERSE VGS = -20V IGSS - - 100 -100 nA TURN ON DELAY TIME VDD = 50V, RISE TIME ID = 10.8A, TURN OFF DELAY TIME RG = 7.5 W FALL TIME td(ON) tr td(OFF) tf - - 30 75 40 45 nsec TOTAL GATE CHARGE ID = 10.8A, Qg 12.8 - 28.5 nC GATE TO SOURCE CHARGE VGS = 10V, Qgs 1.0 - 6.3 nC GATE TO DRAIN CHARGE VDS =0.5xMax. Rating Qgd 3.8 - 16.6 nC DIODE FORWARD VOLTAGE TC = 25 C, I S = 10.8A, VGS = 0V VSD - - 1.5 Volts REVERSE RECOVERY CHARGE TJ = 25 C, di/dt 100A/msec, V DD 50V QRR - - 3.0 mC REVERSE RECOVERY TIME TJ = 25 C, IF = 10.8A, di/dt 100A/msec, V DD 50V trr - - 300 nsec INPUT CAPACITANCE VGS = 0 V OUTPUT CAPACITANCE VDS = 25 V REVERSE TRANSFER CAPACITANCE f = 1.0MHz Ciss Coss Crss - 650 240 44 - pF SHD230302 |
Similar Part No. - SHD230302 |
|
Similar Description - SHD230302 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |