Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD225615 Datasheet(PDF) 2 Page - Sensitron

Part # SHD225615
Description  HERMETIC POWER MOSFET N-CHANNEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD225615 Datasheet(HTML) 2 Page - Sensitron

  SHD225615 Datasheet HTML 1Page - Sensitron SHD225615 Datasheet HTML 2Page - Sensitron SHD225615 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
œ 221 WEST INDUSTRY COURT œ DEER PARK, NY 11729-4681 œ PHONE (631) 586-7600 œ FAX (631) 242-9798 œ
œ World Wide Web - http://www.sensitron.com œ E-mail Address - sales@sensitron.com œ
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4167, REV -
ELECTRICAL CHARACTERISTICS (Continued)
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
TURN ON DELAY TIME
VDD =
200V,
RISE TIME
ID = 23A,
TURN OFF DELAY TIME
VGS =
10V
FALL TIME
td(ON)
tr
td(OFF)
tf
-
18
79
100
67
33
140
120
100
nsec
DIODE FORWARD VOLTAGE
IS = 23A, VGS = 0V
Pulse test, t
ˆ 300 ms, duty cycle d ˆ 2
%
VSD
-
-
1.8
Volts
REVERSE RECOVERY TIME
TJ = 25
•C,
If = 23A
di/dt = 100A/
msec
trr
Qrr
-
420
630
8.4
nsec
mC
INPUT CAPACITANCE
VGS = 0 V
OUTPUT CAPACITANCE
VDS = 25 V
REVERSE TRANSFER CAPACITANCE
f = 1.0MHz
Ciss
Coss
Crss
-
4500
1100
490
-
pF
THERMAL RESISTANCE, JUNCTION TO CASE
RthJC
-
-
0.83
•C/W
MECHANICAL DIMENSIONS: in Inches / mm
1 2 3
.260
.249
(6.60
6.32)
.050
.040
(1.27
1.02)
.150(3.81) BSC
.545
.535
(13.84
13.58)
.545
.535
(13.84
13.60)
.800
.790
(20.32
20.07)
.685
.665
(17.40
16.89)
1.235
1.195
(31.37
30.35)
.045
.035
(1.14
0.89)
3 Places
.150(3.81) BSC
2 Places
.149
.139
(3.78
3.53)
Dia.
DEVICE TYPE
PIN-1
PIN-2
PIN-3
N-CHANNEL MOSFET
TO-254 PACKAGE
DRAIN
SOURCE
GATE
SHD225615
TO-254


Similar Part No. - SHD225615

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225611 SENSITRON-SHD225611 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225613 SENSITRON-SHD225613 Datasheet
70Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225617 SENSITRON-SHD225617 Datasheet
65Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results

Similar Description - SHD225615

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225605 SENSITRON-SHD225605 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225503 SENSITRON-SHD225503 Datasheet
68Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com