Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA5611 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA5611
Description  Multifunctional Voltage Regulator for TVs and VCRs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5611 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5611 Datasheet HTML 1Page - Sanyo Semicon Device LA5611 Datasheet HTML 2Page - Sanyo Semicon Device LA5611 Datasheet HTML 3Page - Sanyo Semicon Device LA5611 Datasheet HTML 4Page - Sanyo Semicon Device LA5611 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Operating Characteristics at Ta=25 °C, See specified Test Circuit.
Parameter
Symbol
Conditions
min
typ
max
Unit
[No-load mode] VEN = low, VIN1=14V,VIN2 = 6.6 V, IO1toIO4=0mA
Quiescent current
IIN1
816
mA
IIN2
24
mA
[Regulator 1] VEN = low, VIN1=14V,VIN2 = 6.6 V, IO1 = 500 mA, with specified extenal transistor
Output voltage 1
VO1
8.5
9.0
9.5
V
Dropout voltage
VDROP1
0.8
1.6
V
Line regulation
nVOLN112 V % VIN1 % 16 V
140
mV
Load regulation
nVOLD1
0.1 A
% IO1 % 1 A
150
mV
Ripple rejection
Rrej1
50
dB
Output low-level voltage
VO1 OFF
0.2
V
Control output current
ICONT110
mA
Output voltage/temperature
coefficient
nVO1/nTa
±1
mV/ °C
[Regulator 2] VEN = low, VIN1=14V,VIN2 = 6.6 V, IO2 = 400 mA
Output voltage 2
VO2
4.80
5.05
5.30
V
Dropout voltage
VDROP2
0.5
1.0
V
Line regulation
nVOLN26 V % VIN2 % 7.2 V
20
mV
Load regulation
nVOLD2
0.1 A
% IO2 % 0.4 A
100
mV
Peak output current
IOP2
480
mA
Output short-circuit current
IOSC2
90
240
mA
Ripple rejection
Rrej2
50
dB
Output low-level voltage
VO2 OFF
0.2
V
Output voltage/temperature
coefficient
nVO2/nTa
±0.5
mV/ °C
[Regulator 3] VEN = high, VIN1=14V,VIN2 = 6.6 V, IO3 = 200 mA
Output voltage 3
VO3
4.80
5.05
5.30
V
Dropout voltage
VDROP3
0.5
1.0
V
Line regulation
nVOLN36 V % VIN2 % 7.2 V
20
mV
Load regulation
nVOLD310 mA % IO3 % 200 mA
100
mV
Peak output current
IOP3
240
mA
Output short-circuit current
IOSC3
40
120
mA
Ripple rejection
Rrej3
50
dB
Output voltage/temperature
coefficient
nVO3/nTa
±0.5
mV/ °C
[Regulator 4] VEN = high, VIN1=14V,VIN2 = 6.6 V, IO4=40mA
Output voltage 4
VO4
5.4
5.7
6.0
V
Dropout voltage
VDROP4
3.8
5.0
V
Line regulation
nVOLN412 V % VIN1 % 16 V
40
mV
Load regulation
nVOLD410 mA % IO4 % 40 mA
65
mV
Peak output current
IOP440
mA
Output short-circuit current
IOSC470
mA
Ripple rejection
Rrej4
50
dB
Output voltage/temperature
coefficient
nVO4/nTa
±1
mV/ °C
[Output on/off control] VIN1=14V,VIN2 = 6.6 V
Output on control voltage
VENL
VO1, VO2: on
1.0
V
Output off control voltage
VENH
VO1, VO2: off
3.0
VIN1V
[Control Amplifier] VIN1=14V,VIN2 = 6.6 V
Control output current
ICONT210
mA
Resistance ratio
KR
KR = R4/R3, Vref = 1.28 V typ
9.94
LA5611
No.5196 - 2/5


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn