Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD219405 Datasheet(PDF) 1 Page - Sensitron

Part # SHD219405
Description  HERMETIC POWER MOSFET N-CHANNEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD219405 Datasheet(HTML) 1 Page - Sensitron

  SHD219405 Datasheet HTML 1Page - Sensitron SHD219405 Datasheet HTML 2Page - Sensitron SHD219405 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 553, REV -
HERMETIC POWER MOSFET
N-CHANNEL
FEATURES:
œ 500 Volt, 0.85, Ohm, 5.5Amp MOSFET
œ Isolated and Hermetically Sealed
œ Surface Mount Package
MAXIMUM RATINGS
ALL RATINGS ARE AT T
A = 25•C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
GATE TO SOURCE VOLTAGE
VGS
-
-
–20
Volts
CONTINUOUS DRAIN CURRENT
TC = 25
•C
ID
-
-
5.5
Amps
PULSED DRAIN CURRENT
@ TC = 25
•C
IDM
-
-
22
Amps
OPERATING AND STORAGE TEMPERATURE
TOP/TSTG
-55
-
+150
•C
TERMAL RESISTANCE JUNCTION TO CASE
R JC
-
-
0.62
•C/W
TOTAL DEVICE DISSIPATION @ TC = 25
•C
PD
-
-
200
Watts
ELECTRICAL CHARACTERISTICS
DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS = 0V, ID = 1.0mA
BVDSS
500
-
-
Volts
DRAIN TO SOURCE ON STATE RESISTANCE
VGS = 10V, ID = 3.5A
RDS(ON)
-
-
0.85
W
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = 250
mA
VGS(th)
2.0
-
4.0
Volts
FORWARD TRANSCONDUCTANCE
VDS
˜ 15V, I
D = 3.5A
gfs
4.7
-
-
S(1/
W)
ZERO GATE VOLTAGE DRAIN CURRENT,
TJ = 25
•C
(VDS = 0.8 x Max. Rating, VGS = 0V), TJ = 125
•C
IDSS
-
-
25
250
mA
GATE TO SOURCE LEAKAGE FORWARD
VGS = 20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = -20V
IGSS
-
-
100
-100
nA
TOTAL GATE CHARGE
VGS = 10V,
GATE TO SOURCE CHARGE
VDS = 250V,
GATE TO DRAIN CHARGE
ID = 5.5A
Qg
Qgs
Qgd
-
-
68.5
12.5
40.5
nC
TURN ON DELAY TIME
VDD = 250V,
RISE TIME
ID = 5.5A,
TURN OFF DELAY TIME
RG = 9.1
W,
FALL TIME
VGS = 10V
td(ON)
tr
td(OFF)
tf
-
21
73
72
51
-
nsec
CONTIUOUS SOURCE CURRENT
IS
-
5.5
-
Amps
DIODE FORWARD VOLTAGE
TJ = 25
•C,I
S = 5.5V
VGS = 0V
VSD
-
-
1.5
Volts
REVERSE RECOVERY TIME
TJ = 25
•C,
IS = 5.5A,
di/dt
ˆ = -100A/msec,
REVERSE RECOVERY CHARGE
VDD
ˆ 50V
trr
Qrr
-
-
700
8.9
nsec
mC
INPUT CAPACITANCE
VGS = 0V, VDS = 25V,
OUTPUT CAPACITANCE
f = 1.0MHz
REVERSE TRANSFER CAPACITANCE
Ciss
Coss
Crss
-
1300
310
120
-
pF
SHD219405


Similar Part No. - SHD219405

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD219401 SENSITRON-SHD219401 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219402 SENSITRON-SHD219402 Datasheet
65Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219403 SENSITRON-SHD219403 Datasheet
65Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219409 SENSITRON-SHD219409 Datasheet
62Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
More results

Similar Description - SHD219405

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225605 SENSITRON-SHD225605 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225503 SENSITRON-SHD225503 Datasheet
68Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com