Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSMW02C04GX-M5S3Z2C1P-X Datasheet(PDF) 3 Page - OptoSupply International

Part # OSMW02C04GX-M5S3Z2C1P-X
Description  PRODUCT SPECIFICATION FOR LED Light Strip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMW02C04GX-M5S3Z2C1P-X Datasheet(HTML) 3 Page - OptoSupply International

  OSMW02C04GX-M5S3Z2C1P-X Datasheet HTML 1Page - OptoSupply International OSMW02C04GX-M5S3Z2C1P-X Datasheet HTML 2Page - OptoSupply International OSMW02C04GX-M5S3Z2C1P-X Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Dimensions:
1
Model No.
OSMW02C04GX-
XXX3ZXXXP-A
REV.
C2
22mm
AC/DC 12V
22mm
OSMW02C04GS
OSMW02C04GC
3


Similar Part No. - OSMW02C04GX-M5S3Z2C1P-X

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMW02C04GX-W543Z4E1P-X OPTOSUPPLY-OSMW02C04GX-W543Z4E1P-X Datasheet
49Kb / 3P
   Low Power Consumption, High Intensity
OSMW02C04GX-XXX3Z161P-X OPTOSUPPLY-OSMW02C04GX-XXX3Z161P-X Datasheet
242Kb / 3P
   Low Power Consumption, High Intensity
OSMW02C04GX-XXX3ZXXXP-A OPTOSUPPLY-OSMW02C04GX-XXX3ZXXXP-A Datasheet
79Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Strip Long life, Easy Installation
More results

Similar Description - OSMW02C04GX-M5S3Z2C1P-X

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMW02C04GX-XXX3ZXXXP-A OPTOSUPPLY-OSMW02C04GX-XXX3ZXXXP-A Datasheet
79Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Strip Long life, Easy Installation
OS423430GD-R5PAS1C1A OPTOSUPPLY-OS423430GD-R5PAS1C1A Datasheet
50Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
FSB1TS OPTOSUPPLY-FSB1TS Datasheet
1Mb / 5P
   PRODUCT SPECIFICATION FOR LED Ribbon Light
LSB3XS OPTOSUPPLY-LSB3XS Datasheet
1Mb / 4P
   PRODUCT SPECIFICATION FOR LED Ribbon Light
OS402612GD-R5PAZ3K1D OPTOSUPPLY-OS402612GD-R5PAZ3K1D Datasheet
46Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OST10WG05GD-R5PTS4C1A OPTOSUPPLY-OST10WG05GD-R5PTS4C1A Datasheet
42Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OST10WG13GD-R5PAS1C1A OPTOSUPPLY-OST10WG13GD-R5PAS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS341712GD-R5PAS1C1A OPTOSUPPLY-OS341712GD-R5PAS1C1A Datasheet
44Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS343416GD-R5PAZ3K1D OPTOSUPPLY-OS343416GD-R5PAZ3K1D Datasheet
49Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003702GD-R5PTS4C1A OPTOSUPPLY-OSF003702GD-R5PTS4C1A Datasheet
44Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com