Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD218508 Datasheet(PDF) 2 Page - Sensitron

Part # SHD218508
Description  HERMETIC POWER MOSFET N-CHANNEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD218508 Datasheet(HTML) 2 Page - Sensitron

  SHD218508 Datasheet HTML 1Page - Sensitron SHD218508 Datasheet HTML 2Page - Sensitron SHD218508 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
•221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798•
• World Wide Web Site - www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 2023, REV. -
Formerly Part Number SHD2188/A/B
MECHANICAL DIMENSIONS: in Inches / mm
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
MOSFET, SURFACE MOUNT
SHD-5, 5A, 5B PACKAGE
DRA IN
SOURCE
GATE
SHD218508
SHD218508A
SHD218508B
SHD-5
SHD-5A
SHD-5B
.370±.010
(9.40±.254)
2
3
.610±.010
(15.5 ±.254)
.030±.010
(.762±.254)
.110 (2.80) Max
Alumina Ring
Terminal 1
2
3
.370±.010
(9.40±.254)
.610±.010
(15.5±.254)
.125±.010
(3.17±.254)
.110 (2.79) Max
Alumina Ring
.510±.020
(12.9±.508)
.320±.010
(8.13±.254)
.030±.010
(.762±.254)
Moly Lid
Moly Base
Terminal 1
.060±.010
(1.52±.254)
.020±.002
(.508±.051)
.020±.005 R
(.508±.127 )
2
3
.370±.010
(9.40±.254)
.610±.010
(15.5±.254)
.090±.010
(2.29±.254)
.130 (3.30) Max
Alumina Ring
.520±.020
(13.2±.508)
.320±.010
(8.13 ±.254)
.030±.010
(.762±.254)
Moly Lid
Moly Base
Terminal 1
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
Copper Terminals


Similar Part No. - SHD218508

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501A SENSITRON-SHD218501A Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501B SENSITRON-SHD218501B Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218502 SENSITRON-SHD218502 Datasheet
57Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218502A SENSITRON-SHD218502A Datasheet
57Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results

Similar Description - SHD218508

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225605 SENSITRON-SHD225605 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225503 SENSITRON-SHD225503 Datasheet
68Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com