Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD218502 Datasheet(PDF) 1 Page - Sensitron

Part # SHD218502
Description  HERMETIC POWER MOSFET N-CHANNEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD218502 Datasheet(HTML) 1 Page - Sensitron

  SHD218502 Datasheet HTML 1Page - Sensitron SHD218502 Datasheet HTML 2Page - Sensitron SHD218502 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 547, REV. -
Formerly Part Number SHD2182/A/B
HERMETIC POWER MOSFET
N-CHANNEL
FEATURES:
100 Volt, .055 Ohm, 38A MOSFET
Isolated Hermetic Metal Package
Fast Switching
Low R
DS (on)
Equivalent to IRFM150
MAXIMUM RATINGS
ALL RATINGS ARE AT T
C
= 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
GATE TO SOURCE VOLTAGE
VGS
-
-
±20
Volts
ON-STATE DRAIN CURRENT
ID
-
-
38
Amps
PULSED DRAIN CURRENT
@ TC = 25°C
IDM
-
-
152
Amps
OPERATING AND STORAGE TEMPERATURE
TJ/TSTG
-55
-
+150
°C
TOTAL DEVICE DISSIPATION @
TC = 25°C
PD
-
-
200
Watts
THERMAL RESISTANCE, JUNCTION TO CASE
RthJC
-
-
0.6
°C/W
ELECTRICAL CHARACTERISTICS
DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS = 0V, ID = 1.0 mA
BVDSS
100
-
-
Volts
STATIC DRAIN TO SOURCE ON STATE RESISTANCE
VGS = 10V, ID = 24A
RDS(ON)
-
-
0.055
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = 250µA
VGS(th)
2.0
-
4.0
Volts
FORWARD TRANSCONDUCTANCE
VDS ≥ 15V,
IDS = 24A
gfs
9.0
-
-
S(1/
Ω)
ZERO GATE VOLTAGE DRAIN CURRENT
VDS = 0.8 x Max. rating, VGS = 0V
TJ = 25°C
IDSS
-
-
25
µA
ZERO GATE VOLTAGE DRAIN CURRENT
VDS = 0.8 x Max. rating, VGS = 0V
TJ = 125°C
IDSS
-
-
250
µA
GATE TO SOURCE LEAKAGE FORWARD
VGS = 20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = -20V
IGSS
-
-
100
-100
nA
TURN ON DELAY TIME
VDD = 50V,
RISE TIME
ID = 38A,
TURN OFF DELAY TIME
RG = 2.35Ω
FALL TIME
td(ON)
tr
td(OFF)
tf
-
-
35
190
170
130
nsec
DIODE FORWARD VOLTAGE
TC = 25°C, IS = 38A,
VGS = 0V
VSD
-
-
1.8
Volts
REVERSE RECOVERY TIME
TJ = 25°C,
IF = 38A,
di/ds
≤ 100A/µsec, V
DD ≤ 50V
trr
-
-
500
nsec
INPUT CAPACITANCE
VGS = 0 V
OUTPUT CAPACITANCE
VDS = 25 V
REVERSE TRANSFER CAPACITANCE
f = 1.0MHz
Ciss
Coss
Crss
-
3700
1100
200
-
pF
SHD218502
SHD218502A
SHD218502B


Similar Part No. - SHD218502

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501A SENSITRON-SHD218501A Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501B SENSITRON-SHD218501B Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218504 SENSITRON-SHD218504 Datasheet
43Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
More results

Similar Description - SHD218502

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225605 SENSITRON-SHD225605 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225503 SENSITRON-SHD225503 Datasheet
68Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com