Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD125668 Datasheet(PDF) 1 Page - Sensitron

Part # SHD125668
Description  HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125668 Datasheet(HTML) 1 Page - Sensitron

  SHD125668 Datasheet HTML 1Page - Sensitron SHD125668 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2004 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586-7600
• Fax (631) 242-9798 • www.sensitron.com • sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4744, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
100
°C Maximum Operation Temperature
DESCRIPTION: A 15-VOLT, 35 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC TO-254
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
15
Volts
MAXIMUM DC OUTPUT CURRENT (@ TC=70
OC) (Single)
IO
35
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT (t=8.3ms, Sine)
IFSM
150
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
7200
pF
MAXIMUM THERMAL RESISTANCE (Single)
RθJC
0.33
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-65 to
+ 100
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 100
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 35 Amps)
TJ = 25 °C
TJ = 75 °C
Vf
0.50
0.45
Volts
MAXIMUM REVERSE CURRENT (Ir @ 15 V PIV)
TJ = 25 °C
TJ = 100 °C
Ir
40
2000
mA
SHD125668


Similar Part No. - SHD125668

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125668 SENSITRON-SHD125668 Datasheet
48Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125668D SENSITRON-SHD125668D Datasheet
48Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125668N SENSITRON-SHD125668N Datasheet
48Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125668P SENSITRON-SHD125668P Datasheet
48Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
More results

Similar Description - SHD125668

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125068 SENSITRON-SHD125068 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125468 SENSITRON-SHD125468 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125568 SENSITRON-SHD125568_08 Datasheet
35Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125268 SENSITRON-SHD125268 Datasheet
80Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125168 SENSITRON-SHD125168 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125568 SENSITRON-SHD125568 Datasheet
48Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125668 SENSITRON-SHD125668 Datasheet
48Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD116044 SENSITRON-SHD116044 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116144 SENSITRON-SHD116144 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com