Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS20L25CG-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS20L25CG-TR
Description  LOW DROP POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L25CG-TR Datasheet(HTML) 5 Page - STMicroelectronics

  STPS20L25CG-TR Datasheet HTML 1Page - STMicroelectronics STPS20L25CG-TR Datasheet HTML 2Page - STMicroelectronics STPS20L25CG-TR Datasheet HTML 3Page - STMicroelectronics STPS20L25CG-TR Datasheet HTML 4Page - STMicroelectronics STPS20L25CG-TR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STPS20L25CT/CG
5/5
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
TO-220AB
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
n
COOLING METHOD : C
n
RECOMMENDED TORQUE VALUE : 0.55 M.N
n
MAXIMUM TORQUE VALUE : 0.70 M.N
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPS20L25CT
STPS20L25CT
TO-220AB
2.23g
50
Tube
STPS20L25CG
STPS20L25CG
D
2PAK
1.48g
50
Tube
STPS20L25CG-TR
STPS20L25CG
D
2PAK
1.48g
1000
Tape & reel
n
EPOXY MEETS UL94,V0


Similar Part No. - STPS20L25CG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L25CG-TR STMICROELECTRONICS-STPS20L25CG-TR Datasheet
94Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS20L25CG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com