Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSF003702GD-O5GTS4C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSF003702GD-O5GTS4C1A
Description  PRODUCT SPECIFICATION FOR LED Light Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSF003702GD-O5GTS4C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSF003702GD-O5GTS4C1A Datasheet HTML 1Page - OptoSupply International OSF003702GD-O5GTS4C1A Datasheet HTML 2Page - OptoSupply International OSF003702GD-O5GTS4C1A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PRODUCT SPECIFICATION FOR LED Light Module
Descriptions:
1
Low power consumption, high intensity
Long life, easy installation
Voltages available 12VDC
LED quantity: 2pcs 5050 SMD
LED model number: OSXXXXS4C1A
Features:
1
Available in red, orange, yellow, green, blue, white
Directly use on line voltage
Low power consumption, high intensity
Energy saving
Excellent beam control
Long life
Application:
1
Channel letter signs
Indirect accent décor light
Large area back lighting
Under counter light
Automobile Light
Substitute neon light
Product Picture:
1
Model No.
OSF003702GD-
XXXXS4C1A
REV.
C1


Similar Part No. - OSF003702GD-O5GTS4C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSF003702GD-XXXXS4C1A OPTOSUPPLY-OSF003702GD-XXXXS4C1A Datasheet
44Kb / 3P
   Low power consumption, high intensity
More results

Similar Description - OSF003702GD-O5GTS4C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS402618GD-R5PAS1C1A OPTOSUPPLY-OS402618GD-R5PAS1C1A Datasheet
46Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-R5PAS1C1A OPTOSUPPLY-OSF003106GD-R5PAS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSMW05C12GP-XXXXZ2C1D-X OPTOSUPPLY-OSMW05C12GP-XXXXZ2C1D-X Datasheet
184Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS423430GD-R5PAS1C1A OPTOSUPPLY-OS423430GD-R5PAS1C1A Datasheet
50Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS402612GD-R5PAZ3K1D OPTOSUPPLY-OS402612GD-R5PAZ3K1D Datasheet
46Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OST10WG05GD-R5PTS4C1A OPTOSUPPLY-OST10WG05GD-R5PTS4C1A Datasheet
42Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OST10WG13GD-R5PAS1C1A OPTOSUPPLY-OST10WG13GD-R5PAS1C1A Datasheet
40Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS341712GD-R5PAS1C1A OPTOSUPPLY-OS341712GD-R5PAS1C1A Datasheet
44Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS343416GD-R5PAZ3K1D OPTOSUPPLY-OS343416GD-R5PAZ3K1D Datasheet
49Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF004206GD-R5PAZ2C1D OPTOSUPPLY-OSF004206GD-R5PAZ2C1D Datasheet
44Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com