Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS10L60CFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10L60CFP
Description  Power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L60CFP Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10L60CFP Datasheet HTML 1Page - STMicroelectronics STPS10L60CFP Datasheet HTML 2Page - STMicroelectronics STPS10L60CFP Datasheet HTML 3Page - STMicroelectronics STPS10L60CFP Datasheet HTML 4Page - STMicroelectronics STPS10L60CFP Datasheet HTML 5Page - STMicroelectronics STPS10L60CFP Datasheet HTML 6Page - STMicroelectronics STPS10L60CFP Datasheet HTML 7Page - STMicroelectronics STPS10L60CFP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2007
Rev 4
1/8
8
STPS10L60C
Power Schottky rectifier
Main product characteristics
Features and benefits
Low forward voltage drop
Negligible switching losses
Insulated package: TO-220FPAB
Insulating voltage = 2000 V DC
Capacitance = 12 pF
Avalanche capability specified
Description
Dual center tap Schottky rectifier suited for switch
mode power supplies and high frequency DC to
DC converters.
Packaged in TO-220FPAB and D2PAK, this device
is intended for use in high frequency inverters.
IF(AV)
2 x 5 A
VRRM
60 V
Tj (max)
150° C
VF (max)
0.52 V
TO-220FPAB
STPS10L60CFP
A1
A2
K
A1
K
A2
A1
K
A2
D2PAK
STPS10L60CG
www.st.com


Similar Part No. - STPS10L60CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L60CFP STMICROELECTRONICS-STPS10L60CFP Datasheet
76Kb / 5P
   POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS10L60CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com