Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD125423D Datasheet(PDF) 3 Page - Sensitron

Part # SHD125423D
Description  HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125423D Datasheet(HTML) 3 Page - Sensitron

  SHD125423D Datasheet HTML 1Page - Sensitron SHD125423D Datasheet HTML 2Page - Sensitron SHD125423D Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATASHEET 4726, REV. A
SHD125423
SHD125423D
SHD125423N
SHD125423P
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of
the datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment,
medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by
means of users’ fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation
of the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or
any other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use
at a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of
Sensitron Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will
hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party.
When exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - V
F (V)
10-1
100
101
102
Typical Forward Characteristics
125 °C
25 °C
0
1020
30405060
Reverse Voltage - V
R (V)
10-3
10-2
10-1
100
101
102
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
0
102030405060
Reverse Voltage - V
R (V)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
Typical Junction Capacitance


Similar Part No. - SHD125423D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125423D SENSITRON-SHD125423D Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results

Similar Description - SHD125423D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125423 SENSITRON-SHD125423 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125623 SENSITRON-SHD125623 Datasheet
48Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125022 SENSITRON-SHD125022 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125445 SENSITRON-SHD125445_08 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125635 SENSITRON-SHD125635_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125122 SENSITRON-SHD125122 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125635 SENSITRON-SHD125635 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125222 SENSITRON-SHD125222 Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125622 SENSITRON-SHD125622 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com