Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD122634D Datasheet(PDF) 2 Page - Sensitron

Part # SHD122634D
Description  HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD122634D Datasheet(HTML) 2 Page - Sensitron

  SHD122634D Datasheet HTML 1Page - Sensitron SHD122634D Datasheet HTML 2Page - Sensitron SHD122634D Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web Site - www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4665, REV. A
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
DUAL RECTIFIER/COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER/COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DUAL RECTIFIER/DOUBLER (D)
ANODE
ANODE/CATHODE
CATHODE
Curves below are for die only
SHD122634P
SHD122634N
SHD122634D
MECHANICAL DIMENSIONS: In Inches / mm
PKG. 22
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
10
2
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - V
R (V)
500
1000
1500
2000
2500
Typical Junction Capacitance
1.27
1.23
(32.26
31.24)
0.64
0.60
(16.26
15.24)
12
3
0.167
0.147
(4.24
3.73)
Dia
0.070
0.050
(1.78
1.27)
3 Places
0.40(10.16) Typ
0.720
0.680
(18.29
17.27)
0.370
0.330
(9.40
8.38)
0.50(12.70) Min
0.260(6.61) Max
0.180
0.140
(4.57
3.55)
Heat Sink
Epoxy Shell


Similar Part No. - SHD122634D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD122634D SENSITRON-SHD122634D Datasheet
80Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
More results

Similar Description - SHD122634D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114668P SENSITRON-SHD114668P Datasheet
73Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD123612P SENSITRON-SHD123612P Datasheet
77Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122612 SENSITRON-SHD122612 Datasheet
78Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122634 SENSITRON-SHD122634 Datasheet
80Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122636 SENSITRON-SHD122636 Datasheet
81Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122622 SENSITRON-SHD122622 Datasheet
72Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122636 SENSITRON-SHD122636_08 Datasheet
58Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD114668P SENSITRON-SHD114668P_11 Datasheet
63Kb / 2P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122611P SENSITRON-SHD122611P Datasheet
81Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY
SHD122668P SENSITRON-SHD122668P Datasheet
57Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com