Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4801V Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA4801V
Description  Headphone Stereo Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4801V Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA4801V Datasheet HTML 2Page - Sanyo Semicon Device LA4801V Datasheet HTML 3Page - Sanyo Semicon Device LA4801V Datasheet HTML 4Page - Sanyo Semicon Device LA4801V Datasheet HTML 5Page - Sanyo Semicon Device LA4801V Datasheet HTML 6Page - Sanyo Semicon Device LA4801V Datasheet HTML 7Page - Sanyo Semicon Device LA4801V Datasheet HTML 8Page - Sanyo Semicon Device LA4801V Datasheet HTML 9Page - Sanyo Semicon Device LA4801V Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
No. 6146-8/10
LA4801V
VG — VCC1
2
2.5
3
3.5
4.5
4
5
1.5
1
0.5
9
10
11
12
13
14
0
8
SVRR — VCC1
Po — VCC1
2.0
2.5
3.0
3.5
4.5
4.0
5.0
1.5
1.0
0.5
2
4
6
8
10
12
14
16
18
20
0
0
60
50
1.5
3.5
1.0
30
0.5
20
0
3.0
2.5
2.0
4.0
4.5
5.0
40
90
80
70
VG — f
Icco, IMute, Ist — VCC1
2.0
2.5
3.0
3.5
4.5
4.0
5.0
1.5
1.0
0.5
2
4
6
8
10
12
14
16
18
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
20
15
1k
5
100
0
10
100k
10k
10
40
25
30
35
RL=16Ω
Rg=1k
VCC2=2.5V
VCC1=1.5V
VCC2=2.5V
Vo=–10dBm
RL=16Ω
VCC2=2.5V
RL=16Ω
f=1kHz
Vo=–20dBm
VCC2=2.5V
RL=16Ω
f=1kHz
THD=10%
RL=16Ω
Rg=1k
fr=100Hz
VCR=–20dBm
Tun100Hz
Icco
ch1
ch2
ch1
ch2
ch1
ch2
ch1
ch2
Ist
IMute
Icco, IMute, Ist — Ta
4
-30
3
10
50
60
70
0
1
-10
0
-20
40
30
20
80
2
10
5
6
7
8
9
Icco
IMute
Ist
Rg=1k
RL=16Ω
VCC1=1.5V
VCC2=2.5V
0.01
0.1
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0
VNO — VCC1
2.0
2.5
3.0
3.5
4.5
4.0
5.0
1.5
1.0
0.5
2
10
3
5
7
2
3
5
7
100
0
1.0
Rg=1k
VCC2=2.5V
DIN AUDIO
ch1
ch2
VG — Ta
12
11
-30
10
50
60
70
0
9
-10
8
-20
40
30
20
80
10
16
13
14
15
ch1
ch2
VCC1=1.5V
VCC2=2.5V
Vo=–20dB
RL=16Ω
Supply voltage, VCC1 — V
Supply voltage, VCC1 — V
Supply voltage, VCC1 — V
Ambient temperature, Ta — °C
Supply voltage, VCC1 — V
Supply voltage, VCC1 — V
Frequency, f — Hz
Ambient temperature, Ta — °C


Similar Part No. - LA4801V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4802 SANYO-LA4802 Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
LA4805 SANYO-LA4805 Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
More results

Similar Description - LA4801V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com